Electronic Components Datasheet Search
  English  ▼

X  

CAT14002 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CAT14002
Description  Voltage Supervisor with I2C Serial CMOS EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT14002 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CAT14002 Datasheet HTML 6Page - ON Semiconductor CAT14002 Datasheet HTML 7Page - ON Semiconductor CAT14002 Datasheet HTML 8Page - ON Semiconductor CAT14002 Datasheet HTML 9Page - ON Semiconductor CAT14002 Datasheet HTML 10Page - ON Semiconductor CAT14002 Datasheet HTML 11Page - ON Semiconductor CAT14002 Datasheet HTML 12Page - ON Semiconductor CAT14002 Datasheet HTML 13Page - ON Semiconductor CAT14002 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAT140xx
© 2008 SCILLC. All rights reserved.
13
Doc. No. MD-1117 Rev. B
Characteristics subject to change without notice
ORDERING INFORMATION
Notes:
(1)
All packages are RoHS-compliant (Lead-free, Halogen-free).
(2)
The standard lead finish is NiPdAu pre-plated (PPF) lead frames.
(3)
The device used in the above example is a CAT140029SWI-GT3 (2Kb EEPROM, with Active Low CMOS output, with a reset threshold between
2.85V - 3.00V, in an SOIC, Industrial Temperature, NiPdAu, Tape and Reel.
(4)
For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
Prefix
Device #
Suffix
CAT
14002
9
S
W
I
-
G
T3
Company ID
Package
W: SOIC
Reset Threshold Voltage
L: 4.50V – 4.75V
M: 4.25V – 4.50V
J: 3.89V – 4.10V
T: 3.00V – 3.15V
S: 2.85V – 3.00V
R: 2.55V – 2.70V
Z: 2.25V – 2.38V
Lead Finish
G: NiPdAu (PPF)
Temperature Range
I = Industrial (-40ºC to 85ºC)
Product Type with
Memory Density
02 – 2K-bits
04 – 4K-bits
08 – 8K-bits
16 – 16K-bits
Supervisor Output Type
9: CMOS Active Low
1: CMOS Active High
Tape & Reel
T: Tape & Reel
3: 3000 units / Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com