Electronic Components Datasheet Search
  English  ▼

X  

3030721 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3030721
Description  ATP-ST 4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3030721 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3030721 Datasheet HTML 1Page - PHOENIX CONTACT 3030721 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 2
http://www.phoenixcon.com
Jul 19, 2010
Extract from the online
catalog
 
ATP-ST 4
Order No.: 3030721
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3030721
 
 
Partition plate, Length: 61 mm, Width: 2 mm, Height: 42 mm,
Color: gray
 
Commercial data
GTIN (EAN)
4017918187965
sales group
A693
Pack
50 pcs.
Customs tariff
85472000
Weight/Piece
0.004538 KG
Catalog page information
Page 8 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.


Similar Part No. - 3030721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3030721 PHOENIX-3030721 Datasheet
113Kb / 6P
PIT 2,5 BU
3030721 PHOENIX-3030721 Datasheet
127Kb / 7P
PIT 4-PE
3030721 PHOENIX-3030721 Datasheet
128Kb / 8P
PIT 4-TG
3030721 PHOENIX-3030721 Datasheet
124Kb / 7P
PIT 4-MT
3030721 PHOENIX-3030721 Datasheet
125Kb / 7P
PIT 4-DIO 1N 5408/L-R
More results

Similar Description - 3030721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3031364 PHOENIX-3031364 Datasheet
169Kb / 6P
ST 4
3031380 PHOENIX-3031380 Datasheet
170Kb / 6P
ST 4-PE
3037135 PHOENIX-3037135 Datasheet
169Kb / 5P
ST 4 OG
3037148 PHOENIX-3037148 Datasheet
167Kb / 4P
ST 4 YE
3037151 PHOENIX-3037151 Datasheet
169Kb / 5P
ST 4 RD
3037164 PHOENIX-3037164 Datasheet
163Kb / 4P
ST 4 GN
3037180 PHOENIX-3037180 Datasheet
152Kb / 5P
ST 4 BK
3038367 PHOENIX-3038367 Datasheet
122Kb / 5P
ST 4-TG
3038875 PHOENIX-3038875 Datasheet
123Kb / 5P
ST 4-MT
3005772 PHOENIX-3005772 Datasheet
53Kb / 3P
Partition plate - ATP-ZFKKB 4
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com