Electronic Components Datasheet Search
  English  ▼

X  

TS616 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS616_08 Datasheet HTML 5Page - STMicroelectronics TS616_08 Datasheet HTML 6Page - STMicroelectronics TS616_08 Datasheet HTML 7Page - STMicroelectronics TS616_08 Datasheet HTML 8Page - STMicroelectronics TS616_08 Datasheet HTML 9Page - STMicroelectronics TS616_08 Datasheet HTML 10Page - STMicroelectronics TS616_08 Datasheet HTML 11Page - STMicroelectronics TS616_08 Datasheet HTML 12Page - STMicroelectronics TS616_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TS616
Electrical characteristics
9/37
Figure 2.
Load configuration
Figure 3.
Load configuration
49.9
Ω
50
Ω
50
Ω
cable
33
Ω
1W
25
Ω
TS616
+6V
-6V
+
_
49.9
Ω
50
Ω
50
Ω
cable
33
Ω
1W
25
Ω
TS616
+6V
-6V
+
_
RL= 25Ω
VCC= ±6 V
49.9
Ω
50
Ω
50
Ω
cable
11
Ω
0.5W
10
Ω
TS616
+2.5V
-2.5V
+
_
49.9
Ω
50
Ω
50
Ω
cable
11
Ω
0.5W
10
Ω
TS616
+2.5V
-2.5V
+
_
RL= 25 Ω
VCC= ±.5V
Figure 4.
Closed loop gain vs. frequency
Figure 5.
Closed loop gain vs. frequency
100
1k
10k
100k
1M
10M
100M
-16
-14
-12
-10
-8
-6
-4
-2
0
2
-120
-100
-80
-60
-40
-20
0
20
40
(Vcc=±2.5V)
phase
gain
(Vcc=±6V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
AV=+1, VCC=±2.5V, Rfb=1.1kΩ, RL=10Ω
VCC=±6V, Rfb=750Ω, RL=25Ω
100
1k
10k
100k
1M
10M
100M
-16
-14
-12
-10
-8
-6
-4
-2
0
2
-300
-280
-260
-240
-220
-200
-180
-160
-140
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
AV=-1, VCC= ±2.5V, Rfb=1kΩ, Rin=1kΩ, RL=10Ω
VCC=±6V, Rfb=680Ω, Rin=680Ω, RL=25Ω
Figure 6.
Closed loop gain vs. frequency
Figure 7.
Closed loop gain vs. frequency
100
1k
10k
100k
1M
10M
100M
-10
-8
-6
-4
-2
0
2
4
6
8
-120
-100
-80
-60
-40
-20
0
20
40
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
AV=+2, VCC=±2.5V, Rfb=1kΩ, RL=10Ω
VCC=±6V, Rfb=680Ω, RL=25Ω
100
1k
10k
100k
1M
10M
100M
-10
-8
-6
-4
-2
0
2
4
6
8
-300
-280
-260
-240
-220
-200
-180
-160
-140
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
AV=-2, VCC=±2.5V, Rfb=1kΩ, Rin=510Ω, RL=10Ω
VCC=±6V, Rfb=680Ω, Rin=750/620Ω, RL=25Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com