Electronic Components Datasheet Search
  English  ▼

X  

MC68HC705MC4CS Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MC68HC705MC4CS
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705MC4CS Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MC68HC705MC4CS Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC705MC4CS Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 180 page
background image
Analog Subsystem
MC68HC705MC4 — Rev. 2.0
Analog Subsystem
8.5 Digital Section
The following subsections describe the digital section of this subsystem.
8.5.1 Conversion Times
Each channel of conversion takes 32 clock cycles, which must be at a
frequency equal to or greater than 1 MHz. For applications in which the
bus speed is below 1 MHz, the A/D internal RC oscillator must be
enabled.
8.5.2 Multi-Channel Operation
In user mode, a multiplexer allows the single A/D converter to select one
of eight analog signals, two of which are VREFH and VREFL. The eight
pins of port C are input signals to the multiplexer.
8.5.3 Unused A/D Inputs as I/O
When the A/D system is enabled, two pins, VREFH (PC6) and VREFL
(PC7), are automatically assumed to have their dedicated functions. The
channel select bits define which port C pin will be used as the analog in
pin and overrides any control from the port C I/O logic by forcing that pin
as the input to the analog circuitry. The port C pins that are not selected
by the channel select bits [CH3:0], are controlled by the port C I/O logic,
and thus can be used as general-purpose I/O. Writes to port C will not
have any effect on the selected channel.
NOTE:
The DDR bits corresponding to an A/D channel used by the application
must be cleared. For example, AD2 shares a pin with PC2, so the
DDRC2 bit must be cleared (unless this is the only channel the A/D ever
selects). This is to ensure that the port output value held in the port C
data register is not driven out of the pin when the A/D has selected
another channel for conversion.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com