Electronic Components Datasheet Search
  English  ▼

X  

PAC7202CPV70 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PAC7202CPV70
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7202CPV70 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PAC7202CPV70 Datasheet HTML 1Page - Freescale Semiconductor, Inc PAC7202CPV70 Datasheet HTML 2Page - Freescale Semiconductor, Inc PAC7202CPV70 Datasheet HTML 3Page - Freescale Semiconductor, Inc PAC7202CPV70 Datasheet HTML 4Page - Freescale Semiconductor, Inc PAC7202CPV70 Datasheet HTML 5Page - Freescale Semiconductor, Inc PAC7202CPV70 Datasheet HTML 6Page - Freescale Semiconductor, Inc PAC7202CPV70 Datasheet HTML 7Page - Freescale Semiconductor, Inc PAC7202CPV70 Datasheet HTML 8Page - Freescale Semiconductor, Inc PAC7202CPV70 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
iv
Freescale Semiconductor
Chapter 2
Modes of Operation
2.1
Introduction........................................................................................................................15
2.2
MCU Hardware Configuration Summary..........................................................................15
2.3
Security ..............................................................................................................................15
2.3.1
Operation of the Secured Microcontroller .....................................................................16
2.3.1.1
Single Chip Secured Mode ........................................................................................16
2.3.1.2
Executing from External Memory .............................................................................16
2.3.2
Securing the Microcontroller .........................................................................................16
2.3.3
Unsecuring the Microcontroller.....................................................................................16
2.3.3.1
Software Unsecure.....................................................................................................17
2.3.3.2
JTAG Lockout Recovery ...........................................................................................17
2.4
MCU Mode Selection ........................................................................................................17
2.4.1
Normal Single Chip Mode.............................................................................................18
2.4.2
Secured Single Chip Mode ............................................................................................18
2.4.3
Normal Primary Bootloader Mode ................................................................................19
2.4.4
Secured Primary Bootloader Mode................................................................................19
2.4.5
Normal Expanded Mode ................................................................................................19
2.4.6
Secured Expanded Mode ...............................................................................................20
2.5
Oscillator Type Selection ...................................................................................................20
2.6
Nexus Port Selection..........................................................................................................20
2.7
External Bus Configuration ...............................................................................................21
2.8
Low Power Modes .............................................................................................................21
2.8.1
Doze ...............................................................................................................................22
2.8.2
Run.................................................................................................................................22
2.9
Debug Mode ......................................................................................................................22
Chapter 3
Low Power Modes
3.1
Low Power Modes Introduction ........................................................................................23
3.2
Run Mode ..........................................................................................................................23
3.3
Doze Mode.........................................................................................................................23
3.4
Disabled Mode ...................................................................................................................24
3.5
System Wakeup..................................................................................................................25
3.6
Low Power Mode Differences from MAC71xx ................................................................25
3.7
Low Power Mode Summary ..............................................................................................26
3.8
Special Notes on Entering and Exiting Power Modes .......................................................26
Chapter 4
Signal Description
4.1
Device Pinout.....................................................................................................................29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com