Electronic Components Datasheet Search
  English  ▼

X  

D-7AC Datasheet(PDF) 1 Page - Tyco Electronics

Part # D-7AC
Description  D-7AC 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-7AC Datasheet(HTML) 1 Page - Tyco Electronics

  D-7AC Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONTACTOR CONFIGURATION
DC Relays
D-7AC 2SPST 1 N.O. & 1 N.C.,
50 Amps, 28 VDC
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed, Vented
Main Contacts:
Configuration
2SPST 1 N.O. & 1 N.C.
Voltage (Nominal)
28 Volts DC
Current (Resistive)
50 Amperes
Coil Data:
Duty Cycle
Continuous
Voltage (Nominal)
28 Volts DC
Pick-Up Voltage
18 VDC Maximum
Drop-Out Voltage
1.5 - 7.0 Volts
Coil Current @ 28 VDC & 25
°C
280 Milliamperes Maximum
Operating Temperature
-55
° to +71°C
Life:
Electrical
50,000 Cycles
Mechanical
100,000 Cycles
Weight Maximum
11.5 Oz.
Features:
• 2SPST Main Contacts
• Mechanically Interlocked
• 28 VDC
• 50 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
• Light Weight Construction
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.


Similar Part No. - D-7AC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
D-754 MOLEX4-D-754 Datasheet
61Kb / 2P
NylaKrimp??Butt Splice for 8 AWG Wire
D-754 MOLEX-D-754 Datasheet
30Kb / 2P
Splices
04/01/2019
logo
Tyco Electronics
D-7GR MACOM-D-7GR Datasheet
68Kb / 1P
D-7GR 3PDT, 50 Amps,115/200 VAC, 400 Hz
D-7GRZ MACOM-D-7GRZ Datasheet
47Kb / 1P
D-7GRZ 3PDT, 50 Amps,115/200 VAC, 400 Hz
D-7TD MACOM-D-7TD Datasheet
88Kb / 1P
D-7TD 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
More results

Similar Description - D-7AC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-871F MACOM-A-871F Datasheet
48Kb / 1P
A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-876M MACOM-A-876M Datasheet
39Kb / 1P
A-876M SPDT N.C., 300 Amps, 28 VDC
A-931F MACOM-A-931F Datasheet
64Kb / 1P
A-931F SPST N.C., 600 Amps, 28 VDC
D-7TD MACOM-D-7TD Datasheet
88Kb / 1P
D-7TD 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
D-14D MACOM-D-14D Datasheet
52Kb / 1P
D-14D 2SPST 1 N.O. & 1 N.C., 50 Amps,28 VDC or 115 VAC, 400 Hz
D-32AB MACOM-D-32AB Datasheet
88Kb / 1P
D-32AB 2SPST, Center Off, Double Break,100 Amps, 28 VDC
DH-7KC-1 MACOM-DH-7KC-1 Datasheet
78Kb / 1P
DH-7KC-1 4PST 2 N.O. & 2 N.C.,50 Amps, 28 VDC
DH-7PF MACOM-DH-7PF Datasheet
78Kb / 1P
DH-7PF 4PST 2 N.O. & 2 N.C., 50 Amps,28 VDC or 115 VAC, 400 Hz
logo
List of Unclassifed Man...
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
1 1/2 DIAMETER 1.5 AMPS 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com