Electronic Components Datasheet Search
  English  ▼

X  

DS11-1003 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DS11-1003
Description  DC solid state relay for loads up to 2A @ 60Vdc
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS11-1003 Datasheet(HTML) 2 Page - Tyco Electronics

  DS11-1003 Datasheet HTML 1Page - Tyco Electronics DS11-1003 Datasheet HTML 2Page - Tyco Electronics DS11-1003 Datasheet HTML 3Page - Tyco Electronics DS11-1003 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
DS11 Series High Performance Solid State Relays
DC solid state relay for loads up to 2A @ 60Vdc (Continued)
Electrical Specifications (-55°C to +105°C unless otherwise specified)
Input (2 terminal configuration)
Input supply voltage range (Vcc)
3.8 - 32 Vdc (Notes 1 & 2, Figures 1 & 2)
Input current (max.) @ 5Vdc
15mAdc (Notes 1 & 2, Figures 1 & 2)
Must turn-on voltage
3.8Vdc
Must turn-off voltage
1.5Vdc
Reverse voltage protection
-32Vdc
Input (3 terminal configuration)
Control voltage range
0 - 18 Vd
Control current (max.)
250µAdc @ 5V, 1mA @ 18V
Input supply voltage range (Vcc)
3.8 - 32 Vdc (Notes 1 & 2, Figures 1 & 2)
Input current (max.) @ 5Vdc
15mADC (Notes 1 & 2, Figures 1 & 2)
Must turn-on voltage
0.3Vdc
Must turn-off voltage
3.2Vdc
I/O
Dielectric strength (min.)
1,000V rms
Insulation resistance (min.) @ 500Vdc
109 ohms
Capacitance (max.)
10pF
Output
Continuous load current (max.) @ 25°C
2.1Adc (Figure 7)
Continuous load voltage (max.)
60Vdc
Transient blocking voltage (max.)
80Vdc (Note 5)
On resistance (max.) @ Tj = 25°C, IL = 100mA
0.15 ohm (Note 6, Figure 6)
Output voltage drop (max.)
0.5Vdc
Leakage current (max.) @ V = 60Vdc
100µAdc
Leakage current (max.) @ V = 60Vdc, with switch status
2mAdc
Turn-on time (max.)
3 ms (Figure 3)
Turn-off time (max.)
1 ms (Figure 3)
dv/dt (min.)
100V / µs
Electrical system spike
600Vdc (Note 5)
Output chip junction temperature (max.)
125°C
Thermal resistance (max.), junction to ambient
90°C/W
Thermal resistance (max.), junction to case
25°C/W
Status
Status supply voltage range
1 - 18Vdc
Status current (max.) @ Vstatus
≤ 0.4Vdc
600µADC (Figure 5, Note 8)
Status leakage current (max.) @ 16Vdc
10µAdc
Status turn-on time (max.)
3.5 ms (Figure 4)
Status turn-off time (max.)
8 ms (Figure 4)
Short Circuit Protection
Current surge without tripping (max.), 100ms pulse
4.25Adc
Overload trip current (max.), 0.5 ms pulse, V = 60Vdc
10Adc
Trip time (typical), turning on into short
400µs
Trip time (typical), shorting while relay is on
280µs
Environmental Characteristics
Ambient Temperature Range:
Operating: -55°C to +105°C.
Storage: -55°C to +105°C.
Vibration Resistance:
100 G’s, 10-3,000 Hz.
Shock Resistance:
50 G’s, 11 ms pulse.
Constant Acceleration Resistance
(Y1 axis):
5,000 G’s.
Catalog DS11-TBD
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 1-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Mechanical Characteristics
Weight (approx.):
.176 oz. (5 grams)
Materials:
Header: Kovar
Cover: Nickel
Pins: Kovar, gold plated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com