Electronic Components Datasheet Search
  English  ▼

X  

STG3684 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG3684
Description  LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684 Datasheet(HTML) 4 Page - STMicroelectronics

  STG3684_05 Datasheet HTML 1Page - STMicroelectronics STG3684_05 Datasheet HTML 2Page - STMicroelectronics STG3684_05 Datasheet HTML 3Page - STMicroelectronics STG3684_05 Datasheet HTML 4Page - STMicroelectronics STG3684_05 Datasheet HTML 5Page - STMicroelectronics STG3684_05 Datasheet HTML 6Page - STMicroelectronics STG3684_05 Datasheet HTML 7Page - STMicroelectronics STG3684_05 Datasheet HTML 8Page - STMicroelectronics STG3684_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STG3684
4/11
Table 7: AC Electrical Characteristics (CL = 35pF, RL = 50Ω, tr = tf ≤ 5ns)
Table 8: Analog Switch Characteristics (CL = 5pF, RL = 50Ω, TA = 25°C)
Note 1: Off Isolation = 20Log10 (VD/VS), VD = output. VS = input at off switch
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH, tPHL Propagation Delay
1.65-1.95
VI=OPEN
0.45
ns
2.3-2.7
0.40
3.0-3.6
0.30
3.6-4.3
0.30
tON
TURN-ON time
1.65-1.95
VS=0.8V
70
ns
2.3-2.7
VS=1.5V
30
50
60
3.0-3.6
VS=1.5V
30
50
60
3.6-4.3
VS=1.5V
30
50
60
tOFF
TURN-OFF time
1.65-1.95
VS=0.8V
45
ns
2.3-2.7
VS=1.5V
25
30
40
3.0-3.6
VS=1.5V
25
30
40
3.6-4.3
VS=1.5V
25
30
40
tD
Break Before Make
Time Delay
1.65-1.95
CL=35pF
RL= 50Ω
VS=1.5V
ns
2.3-2.7
2
15
3.0-3.6
2
15
3.6-4.3
2
15
Q
Charge injection
1.65-1.95
CL= 100pF
RL= 1MΩ
VGEN= 0V
RGEN= 0Ω
50
pC
2.3-2.7
40
3.0-3.6
35
3.6-4.3
35
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
OIRR
Off Isolation (1)
1.65-4.3
VS= 1VRMS
f= 100KHz
-64
dB
Xtalk
Crosstalk
1.65-4.3
VS= 1VRMS
f= 100KHz
-54
dB
THD
Total Harmonic
Distortion
2.3-4.3
RL= 600Ω
VIN= 2VPP
f= 20Hz to 20kHz
0.03
%
BW
-3dB Bandwidth
1.65-4.3
RL= 50Ω
50
MHz
CIN
Control Pin Input
Capacitance
5
pF
CSn
Sn Port Capaci-
tance
3.3
f= 1MHz
37
CD
D Port Capaci-
tance when
Switch is Enabled
3.3
f= 1MHz
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com