Electronic Components Datasheet Search
  English  ▼

X  

M41T60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M41T60
Description  Serial access real-time clock
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T60 Datasheet(HTML) 5 Page - STMicroelectronics

  M41T60_10 Datasheet HTML 1Page - STMicroelectronics M41T60_10 Datasheet HTML 2Page - STMicroelectronics M41T60_10 Datasheet HTML 3Page - STMicroelectronics M41T60_10 Datasheet HTML 4Page - STMicroelectronics M41T60_10 Datasheet HTML 5Page - STMicroelectronics M41T60_10 Datasheet HTML 6Page - STMicroelectronics M41T60_10 Datasheet HTML 7Page - STMicroelectronics M41T60_10 Datasheet HTML 8Page - STMicroelectronics M41T60_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
M41T60
Description
Doc ID 10396 Rev 13
5/27
1
Description
The M41T60 is a low power serial RTC with a built-in 32.768 kHz oscillator (external crystal
controlled). Eight registers are used for the clock/calendar function and are configured in
binary coded decimal (BCD) format. Addresses and data are transferred serially via a two-
line bi-directional bus. The built-in address register is increased automatically after each
WRITE or READ data byte.
The eight clock address locations contain the century, year, month, date, day, hour, minute,
and second in 24-hour BCD format. Corrections for 28-, 29- (leap year), 30-, and 31-day
months are made automatically.
The M41T60 is supplied in 16-lead QFN package.
Figure 1.
Logic diagram
1.
Open drain
Figure 2.
16-pin QFN connections
Table 1.
Signal names
XI
Oscillator input
XO
Oscillator output
FT
Frequency test output (open drain)
SDA
Serial data address input/output
SCL
Serial clock
OFIRQ/OUT
Oscillator fail interrupt/out output (open drain)
VCC
Supply voltage
VSS
Ground
AI08869
XI
VCC
M41T60
VSS
XO
SCL
SDA
FT(1)
OFIRQ/OUT(1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
XI
XO
FT
(1)
VSS
NC
SCL
SDA
OFIRQ/OUT
(1)
AI08870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com