Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA16 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 18Page - ATMEL Corporation ATMEGA16 Datasheet HTML 19Page - ATMEL Corporation ATMEGA16 Datasheet HTML 20Page - ATMEL Corporation ATMEGA16 Datasheet HTML 21Page - ATMEL Corporation ATMEGA16 Datasheet HTML 22Page - ATMEL Corporation ATMEGA16 Datasheet HTML 23Page - ATMEL Corporation ATMEGA16 Datasheet HTML 24Page - ATMEL Corporation ATMEGA16 Datasheet HTML 25Page - ATMEL Corporation ATMEGA16 Datasheet HTML 26Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22
2466SS–AVR–05/09
ATmega16(L)
4.
Updated C code example in “USART Initialization” on page 149.
5.
Updated “Errata” on page 340.
Rev. 2466M-04/06
1.
Updated typos.
2.
Updated “Serial Peripheral Interface – SPI” on page 135.
3.
Updated Table 86 on page 221, Table 116 on page 276 ,Table 121 on page 295 and
Table 122 on page 297.
Rev. 2466L-06/05
1.
Updated note in “Bit Rate Generator Unit” on page 178.
2.
Updated values for V
INT in “ADC Characteristics” on page 297.
3.
Updated “Serial Programming Instruction set” on page 276.
4.
Updated USART init C-code example in “USART” on page 144.
Rev. 2466K-04/05
1.
Updated “Ordering Information” on page 336.
2.
MLF-package alternative changed to “Quad Flat No-Lead/Micro Lead Frame Package
QFN/MLF”.
3.
Updated “Electrical Characteristics” on page 291.
Rev. 2466J-10/04
1.
Updated “Ordering Information” on page 336.
Rev. 2466I-10/04
1.
Removed references to analog ground.
2.
Updated Table 7 on page 28, Table 15 on page 38, Table 16 on page 42, Table 81 on
page 209, Table 116 on page 276, and Table 119 on page 293.
3.
Updated “Pinout ATmega16” on page 2.
4.
Updated features in “Analog to Digital Converter” on page 204.
5.
Updated “Version” on page 229.
6.
Updated “Calibration Byte” on page 261.
7.
Added “Page Size” on page 262.
Rev. 2466H-12/03
1.
Updated “Calibrated Internal RC Oscillator” on page 29.
Rev. 2466G-10/03
1.
Removed “Preliminary” from the datasheet.
2.
Changed ICP to ICP1 in the datasheet.
3.
Updated “JTAG Interface and On-chip Debug System” on page 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com