Electronic Components Datasheet Search
  English  ▼

X  

ATmega6450V Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATmega6450V
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega6450V Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATmega6450V Datasheet HTML 14Page - ATMEL Corporation ATmega6450V Datasheet HTML 15Page - ATMEL Corporation ATmega6450V Datasheet HTML 16Page - ATMEL Corporation ATmega6450V Datasheet HTML 17Page - ATMEL Corporation ATmega6450V Datasheet HTML 18Page - ATMEL Corporation ATmega6450V Datasheet HTML 19Page - ATMEL Corporation ATmega6450V Datasheet HTML 20Page - ATMEL Corporation ATmega6450V Datasheet HTML 21Page - ATMEL Corporation ATmega6450V Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18
2570L–AVR–08/07
ATmega325/3250/645/6450
8.2
SRAM Data Memory
Figure 8-2 on page 18 shows how the ATmega325/3250/645/6450 SRAM Memory is organized.
The ATmega325/3250/645/6450 is a complex microcontroller with more peripheral units than
can be supported within the 64 locations reserved in the Opcode for the IN and OUT instruc-
tions. For the Extended I/O space from 0x60 - 0xFF in SRAM, only the ST/STS/STD and
LD/LDS/LDD instructions can be used.
The lower 2304/4352 data memory locations address both the Register File, the I/O memory,
Extended I/O memory, and the internal data SRAM. The first 32 locations address the Register
File, the next 64 location the standard I/O memory, then 160 locations of Extended I/O memory,
and the next 2048/4096 locations address the internal data SRAM.
The five different addressing modes for the data memory cover: Direct, Indirect with Displace-
ment, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In the Register
File, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address given
by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-incre-
ment, the address registers X, Y, and Z are decremented or incremented.
The 32 general purpose working registers, 64 I/O Registers, 160 Extended I/O Registers, and
the 2,048 bytes of internal data SRAM in the ATmega325/3250/645/6450 are all accessible
through all these addressing modes. The Register File is described in “General Purpose Regis-
ter File” on page 12.
Figure 8-2.
Data Memory Map
8.2.1
Data Memory Access Times
This section describes the general access timing concepts for internal memory access. The
internal data SRAM access is performed in two clk
CPU cycles as described in Figure 8-3.
32 Registers
64 I/O Registers
Internal SRAM
(2048 x 8)/
(4096 x 8)
0x0000 - 0x001F
0x0020 - 0x005F
0x08FF/0x10FF
0x0060 - 0x00FF
Data Memory
160 Ext I/O Reg.
0x0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com