| Electronic Components Datasheet Search |
|
56F8025 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8025 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc |
|
97 / 161 page ![]() Register Descriptions 56F8035/56F8025 Data Sheet, Rev. 6 Freescale Semiconductor 97 Figure 6-18 Overall Control of Signal Source Using SIM_GPSnn Control In some cases, the user can choose peripheral function between several I/O, each of which have the option to be programmed to control a specific peripheral function. If the user wishes to use that function, only one of these I/O must be configured to control that peripheral function. If more than one I/O is configured to control the peripheral function, the peripheral output signal will fan out to each I/O, but the peripheral input signal will be the logical OR and AND of all the I/O signals. Complete lists of I/O muxings are provided in Table 2-3. The GPSn setting can be altered during normal operation, but a delay must be inserted between the time when one function is disabled and another function is enabled. Note: After reset, all I/O pins are GPIO, except the JTAG pins and the RESET pin. Figure 6-19 GPIO Peripheral Select Register 0 for GPIOA (SIM_GPSA0) 6.3.16.1 Reserved—Bits 15–13 This bit field is reserved. Each bit must be set to 0. 6.3.16.2 Configure GPIOA6 (GPS_A6)—Bit 12 This field selects the alternate function for GPIOA6. • 0 = FAULT0 - PWM FAULT0 Input (default) • 1 = TA0 - Timer A0 6.3.16.3 Configure GPIOA5 (GPS_A5)—Bits 11–10 This field selects the alternate function for GPIOA5. • 00 = PWM5 - PWM5 (default) Base + $13 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 GPS_A6 GPS_A5 GPS_A4 0 0 0 0 0 0 0 0 Write RESET 0 0 0 0 00000000 0000 GPIOA6_PEREN Register GPIOA6 GPIOA6 pin SIM_GPSA0 Register PWM FAULT0 Timer A0 0 1 0 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |