Electronic Components Datasheet Search
  English  ▼

X  

56F8345 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 56F8345
Description  16-bit Digital Signal Controllers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8345 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 56F8345 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F8345 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 172 page
background image
Interrupt Vector Table
56F8345 Technical Data, Rev. 17
Freescale Semiconductor
41
Preliminary
1. Cannot be used since MA = EXTBOOT = 0 and the EMI is not available; information in shaded areas not applicable to
56F8345/56F8145.
2. This mode provides maximum compatibility with 56F80x parts while operating externally.
3. “EMI_MODE = 0”, EMI_MODE pin is tied to ground at boot up.
4. “EMI_MODE = 1”, EMI_MODE pin is tied to VDD at boot up.
5. Not accessible in this part, since the EMI is not fully pinned out in this package; information in shaded areas not applicable to
56F8345/56F8145.
4.3 Interrupt Vector Table
Table 4-5 provides the reset and interrupt priority structure, including on-chip peripherals. The table is
organized with higher-priority vectors at the top and lower-priority interrupts lower in the table. The
priority of an interrupt can be assigned to different levels, as indicated, allowing some control over
interrupt priorities. All level 3 interrupts will be serviced before level 2, and so on. For a selected priority
level, the lowest vector number has the highest priority.
The location of the vector table is determined by the Vector Base Address (VBA) register. Please see Part
5.6.11 for the reset value of the VBA.
In some configurations, the reset address and COP reset address will correspond to vector 0 and 1 of the
interrupt vector table. In these instances, the first two locations in the vector table must contain branch or
Table 4-4 Program Memory Map at Reset
Begin/End
Address
Mode 0 (MA = 0)
Mode 11 (MA = 1)
Internal Boot
External Boot
Internal Boot
16-Bit External Address Bus
EMI_MODE = 02, 3
16-Bit External Address Bus
EMI_MODE = 14
20-Bit External Address Bus
P:$1F FFFF
P:$10 0000
External Program Memory5
External Program Memory5
External Program Memory5
P:$0F FFFF
P:$03 0000
External Program RAM5
COP Reset Address = 02 0002
Boot Location = 02 0000
P:$02 FFFF
P:$02 F800
On-Chip Program RAM
4KB
On-Chip Program RAM
4KB
P:$02 F7FF
P:$02 1000
Reserved
116KB
P:$02 0FFF
P:$02 0000
Boot Flash
8KB
COP Reset Address = 02 0002
Boot Location = 02 0000
Boot Flash
8KB
(Not Used for Boot in this Mode)
P:$01 FFFF
P:$01 0000
External Program RAM5
Internal Program Flash
128KB
P:$00 FFFF
P:$00 0000
Internal Program Flash
128KB
External Program RAM5
COP Reset Address = 00 0002
Boot Location = 00 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com