Electronic Components Datasheet Search
  English  ▼

X  

PC9S12XEP100F1MVLR Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100F1MVLR
Description  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100F1MVLR Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100F1MVLR Datasheet HTML 45Page - Freescale Semiconductor, Inc PC9S12XEP100F1MVLR Datasheet HTML 46Page - Freescale Semiconductor, Inc PC9S12XEP100F1MVLR Datasheet HTML 47Page - Freescale Semiconductor, Inc PC9S12XEP100F1MVLR Datasheet HTML 48Page - Freescale Semiconductor, Inc PC9S12XEP100F1MVLR Datasheet HTML 49Page - Freescale Semiconductor, Inc PC9S12XEP100F1MVLR Datasheet HTML 50Page - Freescale Semiconductor, Inc PC9S12XEP100F1MVLR Datasheet HTML 51Page - Freescale Semiconductor, Inc PC9S12XEP100F1MVLR Datasheet HTML 52Page - Freescale Semiconductor, Inc PC9S12XEP100F1MVLR Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
49
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Table 1-10 provides a list of individual pin functionality
Table 1-7. Port Availability by Package Option
Port
208
MAPBGA
144 LQFP
112 LQFP
Standard
80 QFP
XEA256(1)
80 QFP
1. The 9S12XEA256 is a special bondout for access to extra ADC channels in 80QFP.
Available in 80QFP / 256K memory size only. WARNING: NOT PIN-COMPATIBLE WITH REST OF FAMILY.
The 9S12XET256 is the standard 256K/80QFP bondout, compatible with other family members.
Port AD/ADC Channels
32/32
24/24
16/16
8/8
12/12
Port A pins
88884
Port B pins
88888
Port C pins
88000
Port D pins
88000
Port E pins inc. IRQ/XIRQ input only
88888
Port F
80000
Port H
88800
Port J
87422
Port K
88700
Port L
80000
Port M
88866
Port P
88877
Port R
80000
Port S
88844
Port T
88888
Sum of Ports
152
119
91
59
59
I/O Power Pairs VDDX/VSSX
7/7
4/4
2/2
2/2
2/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com