Electronic Components Datasheet Search
  English  ▼

X  

CS51312GD16 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS51312GD16
Description  Synchronous CPU Buck Controller for 12 V Only Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51312GD16 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS51312GD16 Datasheet HTML 4Page - ON Semiconductor CS51312GD16 Datasheet HTML 5Page - ON Semiconductor CS51312GD16 Datasheet HTML 6Page - ON Semiconductor CS51312GD16 Datasheet HTML 7Page - ON Semiconductor CS51312GD16 Datasheet HTML 8Page - ON Semiconductor CS51312GD16 Datasheet HTML 9Page - ON Semiconductor CS51312GD16 Datasheet HTML 10Page - ON Semiconductor CS51312GD16 Datasheet HTML 11Page - ON Semiconductor CS51312GD16 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CS51312
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
150
125
100
75
50
0
0
4000
8000
Load Capacitance (pF)
25
12000
16000
2000
6000
10000
14000
150
125
100
75
50
0
0
4000
8000
Load Capacitance (pF)
25
12000
16000
2000
6000
10000
14000
VCC = 12 V
TA = 25°C
VCC = 12 V
TA = 25°C
0.10
0.05
0
−0.05
−0.10
−0.15
040
80
Load Capacitance (pF)
120
20
60
100
VCC = 12 V
0.10
0.05
0
−0.05
−0.10
−0.20
DAC Output Voltage Setting (V)
−0.15
0.35
0.25
0.15
0.05
−0.05
−0.25
−0.15
DAC Output Voltage Setting (V)
0.30
0.20
0.10
0
−0.10
−0.20
Figure 3. GATE(H) and GATE(L) Falltime vs. Load
Capacitance
Figure 4. GATE(H) and GATE(L) Risetime vs. Load
Capacitance
Figure 5. DAC Output Voltage vs. Temperature,
DAC Code = 00001
Figure 6. Percent Output Error vs. DAC Output
Voltage Setting, VID4 = 0
Figure 7. Percent Output Error vs. DAC Output
Voltage Setting, VID4 = 1
VCC = 12 V
TA = 25°C
VID4 = 0
VCC = 12 V
TA = 25°C
VID4 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com