Electronic Components Datasheet Search
  English  ▼

X  

DSP56F803 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # DSP56F803
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
56F803 Technical Data, Rev. 16
20
Freescale Semiconductor
4.
Thermal Characterization Parameter, Psi-JT (
Ψ
JT ), is the “resistance” from junction to reference point
thermocouple on top center of case as defined in JESD51-2.
Ψ
JT is a useful value to use to estimate junction
temperature in steady state customer environments.
5.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
6.
See Section 5.1 from more details on thermal design considerations.
7.
TJ = Junction Temperature
TA = Ambient Temperature
3.2 DC Electrical Characteristic
Table 3-4 DC Electrical Characteristics
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50pF, fop = 80MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Input high voltage (XTAL/EXTAL)
VIHC
2.25
—
2.75
V
Input low voltage (XTAL/EXTAL)
VILC
0—
0.5
V
Input high voltage (Schmitt trigger inputs)1
VIHS
2.2
—
5.5
V
Input low voltage (Schmitt trigger inputs)1
VILS
-0.3
—
0.8
V
Input high voltage (all other digital inputs)
VIH
2.0
—
5.5
V
Input low voltage (all other digital inputs)
VIL
-0.3
—
0.8
V
Input current high (pullup/pulldown resistors
disabled, VIN=VDD)
IIH
-1
—
1
μA
Input current low (pullup/pulldown resistors
disabled, VIN=VSS)
IIL
-1
—
1
μA
Input current high (with pullup resistor, VIN=VDD)IIHPU
-1
—
1
μA
Input current low (with pullup resistor, VIN=VSS)IILPU
-210
—
-50
μA
Input current high (with pulldown resistor, VIN=VDD)IIHPD
20
—
180
μA
Input current low (with pulldown resistor, VIN=VSS)IILPD
-1
—
1
μA
Nominal pullup or pulldown resistor value
RPU, RPD
30
K
Ω
Output tri-state current low
IOZL
-10
—
10
μA
Output tri-state current high
IOZH
-10
—
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com