Electronic Components Datasheet Search
  English  ▼

X  

56F803 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 56F803
Description  16-bit Digital Signal Controllers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F803 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 56F803 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Serial Peripheral Interface (SPI) Timing
56F803 Technical Data, Rev. 16
Freescale Semiconductor
37
Figure 3-18 SPI Master Timing (CPHA = 0)
Data Valid for outputs
Master
Slave (after enable edge)
tDV
—
—
4.5
20.4
ns
ns
Figures 3-18, ,
3-20, 3-21
Data invalid
Master
Slave
tDI
0
0
—
—
ns
ns
Figures 3-18, ,
3-20, 3-21
Rise time
Master
Slave
tR
—
—
11.5
10.0
ns
ns
Figures 3-18, ,
3-20, 3-21
Fall time
Master
Slave
tF
—
—
9.7
9.0
ns
ns
Figures 3-18, ,
3-20, 3-21
1.
Parameters listed are guaranteed by design.
Table 3-12 SPI Timing1
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6V, TA = –40° to +85°C, CL ≤ 50pF, fOP = 80MHz
Characteristic
Symbol
Min
Max
Unit
See Figure
SCLK (CPOL = 0)
(Output)
SCLK (CPOL = 1)
(Output)
MISO
(Input)
MOSI
(Output)
MSB in
Bits 14–1
LSB in
Master MSB out
Bits 14–1
Master LSB out
SS
(Input)
SS is held High on master
tR
tF
tF
tDI
tDS
tDI(ref)
tDV
tCH
tDH
tC
tR
tF
tR
tCL
tCH
tCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com