Electronic Components Datasheet Search
  English  ▼

X  

MOC8030 Datasheet(PDF) 2 Page - QT Optoelectronics

Part # MOC8030
Description  PHOTODARLINGTON OPTOCOUPLERS Preliminary
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MOC8030 Datasheet(HTML) 2 Page - QT Optoelectronics

  MOC8030 Datasheet HTML 1Page - QT Optoelectronics MOC8030 Datasheet HTML 2Page - QT Optoelectronics MOC8030 Datasheet HTML 3Page - QT Optoelectronics MOC8030 Datasheet HTML 4Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Test Conditions
Symbol
Min
Typ**
Max
Unit
EMITTER
(IF = 10 mA)
VF
1.15
2
V
Input Forward Voltage
Input Capacitance
(VF = 0, f = 1 MHz)
CIN
18
pF
Reverse Leakage Current
(VR = 3.0 V)
IR
0.05
10
µA
DETECTOR
(IC = 1.0 mA)
BVCEO
80
V
Collector-Emitter Breakdown Voltage
Emitter-Collector Breakdown Voltage
(IE = 100 µA)
BVECO
5V
Collector-Emitter Dark Current
(VCE = 60 V)
ICEO
1µA
INDIVIDUAL COMPONENT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
Current Transfer Ratio,
MOC8030 (IF = 10 mA, VCE = 1.5 V)
CTR
300
%
Collector-Emitter
MOC8050 (IF = 10 mA, VCE = 1.5 V)
500
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
SWITCHING TIMES
ton
3.5
µs
Turn-on Time
(VCC= 10 V, RL = 100!, IF = 5 mA)
Turn-off Time
toff
95
µs
TRANSFER CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Units
Input-Output Isolation Voltage
(II-O "#1 µA, 1 min.)
VISO
7500
Vac(pk)
(II-O "#1 µA, 1 min.)
5300
Vac(rms)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
!
Isolation Capacitance
(f = 1 MHz)
CISO
0.5
pf
ISOLATION CHARACTERISTICS
3/13/00
200035A
MOC8030
MOC8050
PHOTODARLINGTON OPTOCOUPLERS
Preliminary
(NO BASE CONNECTION)
Note
** Typical values at TA = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com