Electronic Components Datasheet Search
  English  ▼

X  

MBR1635 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR1635
Description  SWITCHMODE Power Rectifiers16 A, 35 and 45 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1635 Datasheet(HTML) 3 Page - ON Semiconductor

  MBR1635 Datasheet HTML 1Page - ON Semiconductor MBR1635 Datasheet HTML 2Page - ON Semiconductor MBR1635 Datasheet HTML 3Page - ON Semiconductor MBR1635 Datasheet HTML 4Page - ON Semiconductor MBR1635 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR1635, MBR1645, MBRB1645
http://onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
0.6
0
vF, INSTANTANEOUS FORWARD VOLTAGE (V)
100
70
20
50
10
VR, REVERSE VOLTAGE (V)
0
7.0
5.0
3.0
0.2
0.4
0.8
10
20
30
40
2.0
1.0
1.0
50
TJ = 125°C
100°C
25°C
TJ = 150°C
125°C
30
25°C
1.0E−01
1.0E−02
1.0E−03
1.0E−04
1.0E−05
1.0E−06
1.0E−07
Figure 3. Current Derating, Case, Per Leg
Figure 4. Current Derating, Ambient
Figure 5. Forward Power Dissipation
4.0
8.0
0
IF(AV), AVERAGE FORWARD CURRENT (A)
16
8.0
6.0
4.0
2.0
0
6.0
10
20
12
14
2.0
14
16
18
10
12
SQUARE WAVE
dc
TJ = 125°C
(CAPACITATIVE LOAD)
I
PK
I
AV
+ 5.0
10
20
(RESISTIVE LOAD)
IPK
IAV
+ p
TC, CASE TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
0
2
4
6
8
155
160
165
170
175
SQUARE
0
2
4
6
8
0
25
50
75
100
125
150
175
dc
dc
SQUARE
WAVE
RqJA = 16°C/W
RqJA = 60°C/W
(No Heat Sink)
145
10
12
14
dc
10
12
14
16
18
20
22
24
26
28
16
18
20
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com