Electronic Components Datasheet Search
  English  ▼

X  

MBR1645 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR1645
Description  SWITCHMODE Power Rectifiers16 A, 35 and 45 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR1645 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR1645 Datasheet HTML 1Page - ON Semiconductor MBR1645 Datasheet HTML 2Page - ON Semiconductor MBR1645 Datasheet HTML 3Page - ON Semiconductor MBR1645 Datasheet HTML 4Page - ON Semiconductor MBR1645 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR1635, MBR1645, MBRB1645
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance,
Junction−to−Case
RqJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 16 Amps, TC = 125°C)
(iF = 16 Amps, TC = 25°C)
vF
0.57
0.63
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, TC = 125°C)
(Rated dc Voltage, TC = 25°C)
iR
40
0.2
mA
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com