Electronic Components Datasheet Search
  English  ▼

X  

MBR2535CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR2535CT
Description  SWITCHMODE Power Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2535CT Datasheet(HTML) 2 Page - ON Semiconductor

  MBR2535CT Datasheet HTML 1Page - ON Semiconductor MBR2535CT Datasheet HTML 2Page - ON Semiconductor MBR2535CT Datasheet HTML 3Page - ON Semiconductor MBR2535CT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR2535CT, MBR2545CT
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MBR2535CT
MBR2545CT
VRRM
VRWM
VR
35
45
V
Average Rectified Forward Current
(Rated VR, TC = 160°C)
IF(AV)
30
A
Peak Repetitive Forward Current,
per Diode Leg (Rated VR, Square Wave, 20 kHz, TC = 150°C)
IFRM
30
A
Non−Repetitive Peak Surge Current per Diode Leg
(Surge Applied at Rated Load Conditions, Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz)
IRRM
1.0
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
ESD Ratings: Machine Model = C
ESD Ratings: Human Body Model = 3B
ESD
>400
>8000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS (Per Leg)
Characteristic
Symbol
Value
Unit
Thermal Resistance,− Junction−to−Case
− Junction−to−Ambient (Note 2)
RqJC
RqJA
1.5
50
°C/W
2. When mounted using minimum recommended pad size on FR−4 board.
ELECTRICAL CHARACTERISTICS (Per Diode)
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VF
Instantaneous Forward Voltage
(Note 3)
IF = 15 Amp, TJ = 25°C
IF = 15 Amp, TJ = 125°C
IF = 30 Amp, TJ = 25°C
IF = 30 Amp, TJ = 125°C
−
−
−
−
−
0.50
−
0.65
0.62
0.57
0.82
0.72
V
IR
Instantaneous Reverse Current
(Note 3)
Rated dc Voltage, TJ = 25°C
Rated dc Voltage, TJ = 125°C
−
−
−
9.0
0.2
25
mA
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com