Electronic Components Datasheet Search
  English  ▼

X  

MBRB1045 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRB1045
Description  SWITCHMODE Schottky Power Rectifier Surface Mount Power Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB1045 Datasheet(HTML) 1 Page - ON Semiconductor

  MBRB1045 Datasheet HTML 1Page - ON Semiconductor MBRB1045 Datasheet HTML 2Page - ON Semiconductor MBRB1045 Datasheet HTML 3Page - ON Semiconductor MBRB1045 Datasheet HTML 4Page - ON Semiconductor MBRB1045 Datasheet HTML 5Page - ON Semiconductor MBRB1045 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 6
1
Publication Order Number:
MBRB1045/D
MBRB1045, MBRD1045
Preferred Device
SWITCHMODEt
Schottky Power Rectifier
Surface Mount Power Package
This series of Power Rectifiers employs the Schottky Barrier
principle in a large metal−to−silicon power diode. State−of−the−art
geometry features epitaxial construction with oxide passivation and
metal overlay contact. Ideally suited for use in low voltage, high
frequency switching power supplies, free wheeling diodes, and
polarity protection diodes.
Features
• Guardring for Stress Protection
• Low Forward Voltage
• 175°C Operating Junction Temperature
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Short Heat Sink Tab Manufactured − Not Sheared!
• Pb−Free Packages are Available
Mechanical Characteristics:
• Case: Epoxy, Molded, Epoxy Meets UL 94 V−0
• Weight: 1.7 grams for D2PAK (approximately)
0.4 grams for DPAK (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL1 Requirements
• ESD Ratings: Machine Model, C (>400 V)
Human Body Model, 3B (>8000 V)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
V
Average Rectified Forward Current
(Rated VR) TC = 135°C
IF(AV)
10
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz)
TC = 135°C
IFRM
20
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions
halfwave, single phase, 60 Hz)
IFSM
150 (MBRB)
70 (MBRD)
A
Operating Junction and Storage
Temperature Range (Note 1)
TJ, Tstg
− 65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
ms
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
SCHOTTKY BARRIER
RECTIFIER
10 AMPERES, 45 VOLTS
1
3
4
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
D2PAK
CASE 418B
PLASTIC
3
4
1
MARKING DIAGRAM
MBRB1045G
AKA
A
= Assembly Location
Y
= Year
WW
= Work Week
MBRB1045 = Device Code
G
= Pb−Free Package
AKA
= Diode Polarity
AY WW
DPAK
CASE 369C
1 2
3
4
YWW
B10
45G
Y
= Year
WW
= Work Week
B1045
= Device Code
G
= Pb−Free Package
MARKING DIAGRAM


Similar Part No. - MBRB1045

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1045 GE-MBRB1045 Datasheet
71Kb / 2P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRB1045 GOOD-ARK-MBRB1045 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
logo
International Rectifier
MBRB1045 IRF-MBRB1045 Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB1045 VISHAY-MBRB1045 Datasheet
106Kb / 6P
Schottky Rectifier, 10 A
22-Aug-08
logo
ON Semiconductor
MBRB1045 ONSEMI-MBRB1045 Datasheet
112Kb / 6P
SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 7
More results

Similar Description - MBRB1045

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB1545CT MOTOROLA-MBRB1545CT Datasheet
110Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2535CTL MOTOROLA-MBRB2535CTL Datasheet
105Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRD1035CTL MOTOROLA-MBRD1035CTL Datasheet
158Kb / 6P
SWITCHMODE??Schottky Rectifier D2PAK Power Surface Mount Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB2535CTL ONSEMI-MBRB2535CTL Datasheet
61Kb / 5P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
January, 2007 ??Rev. 6
MBRB2545CT ONSEMI-MBRB2545CT Datasheet
61Kb / 5P
SWITCHMODE Power Rectifier D2PAK Surface Mount Power Package
March, 2007 ??Rev. 10
MURB1620CTG ONSEMI-MURB1620CTG Datasheet
106Kb / 5P
SWITCHMODE Power Rectifier D2PAK Power Surface Mount Package
November, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com