Electronic Components Datasheet Search
  English  ▼

X  

MBRF20100CT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRF20100CT
Description  SWITCHMODE Schottky Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF20100CT Datasheet(HTML) 1 Page - ON Semiconductor

  MBRF20100CT Datasheet HTML 1Page - ON Semiconductor MBRF20100CT Datasheet HTML 2Page - ON Semiconductor MBRF20100CT Datasheet HTML 3Page - ON Semiconductor MBRF20100CT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
June, 2007 - Rev. 7
1
Publication Order Number:
MBRF20100CT/D
MBRF20100CT
Preferred Device
SWITCHMODEt
Schottky Power Rectifier
The SWITCHMODE Power Rectifier employs the Schottky Barrier
principle in a large area metal- to- silicon power diode.
State-of-the-art geometry features epitaxial construction with oxide
passivation and metal overlay contact. Ideally suited for use as
rectifiers in very low-voltage, high-frequency switching power
supplies, free wheeling diodes and polarity protection diodes.
Features
• Highly Stable Oxide Passivated Junction
• Very Low Forward Voltage Drop
• Matched Dual Die Construction
• High Junction Temperature Capability
• High dv/dt Capability
• Excellent Ability to Withstand Reverse Avalanche Energy Transients
• Guardring for Stress Protection
• Epoxy Meets UL 94 V-0 @ 0.125 in
• Electrically Isolated. No Isolation Hardware Required.
• Pb-Free Package is Available*
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 Grams (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MBRF20100CT
TO-220
50 Units/Rail
SCHOTTKY BARRIER
RECTIFIER
20 AMPERES, 100 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
2
1
3
http://onsemi.com
MBRF20100CTG
TO-220
(Pb-Free)
50 Units/Rail
ISOLATED TO-220
CASE 221D
STYLE 3
3
1
2
MARKING DIAGRAM
AYWW
B20100G
A K A
A
= Assembly Location
Y
= Year
WW
= Work Week
B20100
= Device Code
G
= Pb-Free Package
AKA
= Polarity Designator


Similar Part No. - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
Micro Commercial Compon...
MBRF20100CT MCC-MBRF20100CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBRF20100CT VISHAY-MBRF20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Taiwan Semiconductor Co...
MBRF20100CT TSC-MBRF20100CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20100CT TSC-MBRF20100CT Datasheet
122Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD1035CTL ONSEMI-MBRD1035CTL Datasheet
104Kb / 6P
SWITCHMODE Schottky Power Rectifier
August, 2004 ??Rev. 3
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRD5H100T4G_0712 ONSEMI-MBRD5H100T4G_0712 Datasheet
77Kb / 5P
SWITCHMODE Schottky Power Rectifier
December, 2007 - Rev. 2
MBRF2060CT ONSEMI-MBRF2060CT Datasheet
134Kb / 4P
SWITCHMODE Schottky Power Rectifier
December, 2009 ??Rev. 8
MBRF2545CT ONSEMI-MBRF2545CT Datasheet
82Kb / 4P
SWITCHMODE??Schottky Power Rectifier
June, 2007 - Rev. 8
MBRF20200CT ONSEMI-MBRF20200CT Datasheet
101Kb / 4P
SWITCHMODE Schottky Power Rectifier
August, 2008 ??Rev. 7
MBRD5H100T4G ONSEMI-MBRD5H100T4G_10 Datasheet
102Kb / 5P
SWITCHMODE Schottky Power Rectifier
July, 2010 ??Rev. 3
NRVBD1035CTL ONSEMI-NRVBD1035CTL Datasheet
115Kb / 6P
SWITCHMODE Schottky Power Rectifier
June, 2011 ??Rev. 0
NBRB8H100T4G ONSEMI-NBRB8H100T4G Datasheet
138Kb / 6P
SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com