Electronic Components Datasheet Search
  English  ▼

X  

DL100-7PCBA3 Datasheet(PDF) 2 Page - Pacific Silicon Sensor,Inc.

Part # DL100-7PCBA3
Description  DUAL AXIS PSD SUM AND DIFFERENCE AMPLIFIER SPECIFICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

DL100-7PCBA3 Datasheet(HTML) 2 Page - Pacific Silicon Sensor,Inc.

  DL100-7PCBA3 Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. DL100-7PCBA3 Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. DL100-7PCBA3 Datasheet HTML 3Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DATA SHEET
DL100-7PCBA3
DUAL AXIS PSD SUM AND DIFFERENCE AMPLIFIER SPECIFICATION
5700 Corsa Avenue, #105 • Westlake Village, CA 91362
Tel: (818) 706-3400 • Fax (818) 889-7053
Email: sales@pacific-sensor.com • www.pacific-sensor.com
Page 2 of 3
APPLICATION NOTES
Description
The DL100-7PCBA3 is a duolateral position sensing module composed of a 10mm X 10mm active area position sensing
photodiode and associated circuitry. It senses the position of a light spot on the surface of the photodiode and provides
the voltage analogs of the X, Y and spot intensity.
The sensing diode is made using silicon technology and consequently responds to light at wavelengths between
400nm and 1100nm. The output, as a function of wavelength, follows our typical –7 process silicon photodiode
responsivity curve.
PSD’s
Duolateral position sensing diodes are photodiodes with electrodes placed at the edges of the photodiode. Two
resistive sheets cover the pn junction, with one sheet on top and one sheet on the bottom. As light impinges on the
photodiode, the pn junction generates a current at the centroid of the light power density. The current from this
generator separates at the top resistive sheet according to Ohm's law, and electrodes at opposite ends collect the
individual currents. The response at the bottom sheet layer is similar to the top sheet except that the current is in the
opposite direction. The bottom electrodes are placed at edges orthogonal to the top electrodes.
Outputs
The DL100-7PCBA3 module contains amplifiers that convert the light generated currents into voltages. The voltages
are then processed to provide a bipolar signal for the X axis and a bipolar signal for the Y axis. The currents are further
processed to provide a voltage for the total X current and the total Y current. These voltages represent the light
intensity. Note: the X SUM output voltage is negative, the Y SUM output is positive.
PSD Biasing
Position sensing diodes of the type used in the DL100-7PCBA3 module are more accurate if a reverse bias is applied
across the diode. Installing jumpers J1 and J2 will engage circuitry that creates and applies a reverse bias of 14.3 volts
(with +/-15V supply). In this configuration, there should be no connection to Pins 1 and 2. For bias voltages other than
14.3V, remove jumpers J1 and J2 and hook up an external bias source to Pins 1 and 2. (For zero bias operation, just
remove the jumpers. No connection is necessary to Pins 1 and 2). Although reduced bias will degrade the linearity
performance of the PSD, voltage offset and noise can be improved. Determining the optimum bias voltage for each
application is usually a “trial and error” procedure. If determining positions over a large area of the PSD is required, the
built-in 14.3V bias is probably the best option. If low light levels and/or small incremental movement over a small area
of the PSD are the application, then zero to low bias voltage may work best.
Effects of Light Spot Shape, Size and Intensity
Since the photodiode current appears to be generated at the centroid of the light spot power density, it is the centroid
location that is tracked by the voltage outputs. If any of the light spot is off the photodiode then the centroid of the light
that does fall in the diode is the location tracked.
The ultimate resolution of the position sensor is signal to noise limited. Consequently, the spot intensity should be as
great as possible without causing damage to the photodiode. There is a limit to the intensity. The spot size and intensity
should not concentrate the beam such that the light power locally heats the detector surface above about 110°C. In
practice the light intensity should never exceed 1.5W/cm2. Many applications use an intensity of 1 to 3 milliwatts for a
spot size of 1mm2.
The current outputs of the photodiode are dependent on the light intensity and as a result the voltage outputs are also
dependent on light intensity. If the beam source changes intensity when the spot location is being sensed, then the
output should be normalized using the sum signals available on the DL100-7PCBA3. Normalization is accomplished
externally by dividing the location voltage by the sum voltage for the layer (X or Y) being measured. The DL100-7PCBA3
does not normalize the location output signals.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com