Electronic Components Datasheet Search
  English  ▼

X  

MR5000.MP1 Datasheet(PDF) 2 Page - QT Optoelectronics

Part # MR5000.MP1
Description  PCB MOUNT LED INDICATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MR5000.MP1 Datasheet(HTML) 2 Page - QT Optoelectronics

  MR5000.MP1 Datasheet HTML 1Page - QT Optoelectronics MR5000.MP1 Datasheet HTML 2Page - QT Optoelectronics MR5000.MP1 Datasheet HTML 3Page - QT Optoelectronics MR5000.MP1 Datasheet HTML 4Page - QT Optoelectronics MR5000.MP1 Datasheet HTML 5Page - QT Optoelectronics MR5000.MP1 Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PCB MOUNT LED INDICATORS
Page 2 of 6
PACKAGE DIMENSIONS
@
PKG.
PART NUMBER
COLOR
VF
mcd
mA
FIG.
MV5064.MP4A
RED
1.6
1.5
20
4A
MV5364.MP4A
YELLOW
2.1
2.0
10
4A
MV5464.MP4A
GREEN
2.2
5.0
20
4A
MV5764.MP4A
H-E RED
2.0
2.0
10
4A
MV5064.MP4B
RED
1.6
1.5
20
4B
MV5364.MP4B
YELLOW
2.1
2.0
10
4B
MV5464.MP4B
GREEN
2.2
5.0
20
4B
MV5764.MP4B
H-E RED
2.0
2.0
10
4B
LOW CURRENT (2mA)
HLMP-1700.MP4A
H-E RED
1.8
2.0
2
4A
HLMP-1719.MP4A
YELLOW
1.9
2.0
2
4A
HLMP-1790.MP4A
GREEN
1.9
2.0
2
4A
HLMP-1700.MP4B
H-E RED
1.8
2.0
2
4B
HLMP-1719.MP4B
YELLOW
1.9
2.0
2
4B
HLMP-1790.MP4B
GREEN
1.9
2.0
2
4B
AIGaAs RED
HLMP-K101.MP4A
AIGaAs RED
1.8
45.0
20
4A
HLMP-K105.MP4A
AIGaAs RED*
1.8
65.0
20
4A
HLMP-K150.MP4A
AIGaAs RED
1.6
2.0
1
4A
HLMP-K155.MP4A
AIGaAs RED*
1.6
3.0
1
4A
HLMP-K101.MP4B
AIGaAs RED
1.8
45.0
20
4B
HLMP-K105.MP4B
AIGaAs RED*
1.8
65.0
20
4B
HLMP-K150.MP4B
AIGaAs RED
1.6
2.0
1
4B
HLMP-K155.MP4B
AIGaAs RED*
1.6
3.0
1
4B
INTEGRAL RESISTOR
MR5060.MP4A
RED
5.0
1.5
13
4A
MR5360.MP4A
YELLOW
5.0
4.0
10
4A
MR5460.MP4A
GREEN
5.0
4.0
12
4A
MR5760.MP4A
H-E RED
5.0
4.0
10
4A
MR5060.MP4B
RED
5.0
1.5
13
4B
MR5360.MP4B
YELLOW
5.0
4.0
10
4B
MR5460.MP4B
GREEN
5.0
4.0
12
4B
MR5760.MP4B
H-E RED
5.0
4.0
10
4B
T-1 (3mm)
@
PKG.
PART NUMBER
COLOR
VF
mcd
mA
FIG.
QLA694B-2H
B. RED/B. RED
2.1
1.4
10
4C
QLA694B-2I
H-E RED/H-E RED 2.0
6.0
10
4C
QLA694B-2G
GRN/GRN
2.1
6.0
10
4C
QLA694B-2Y
YEL/YEL
2.0
6.0
10
4C
QLA694B-HG
B. RED/GRN
2.1
1.4
10
4C
QLA694B-GY
GRN/YEL
2.1
6.0
10
4C
T-1 (3mm) bilevel
+
MAX
.180
(4.57)
.200
(5.08)
.400 MIN
(10.16)
.100 TYP
(2.54)
.025 (.63)
.015 (.37)
.120 DIA
(3.05)
.125
(3.18)
.250
(6.35)
.290 MAX
(7.37)
.185 REF
(4.70)
.025 (.63)
.015 (.37)
CATHODE
+
MAX
.180
(4.57)
.200
(5.08)
.400 MIN
(10.16)
.100 TYP
(2.54)
.025 (.63)
.015 (.37)
.120 DIA
(3.05)
.080
(2.03)
.250
(6.35)
.290 MAX
(7.37)
.185 REF
(4.70)
CATHODE
.025 (.63)
.015 (.37)
.100
(2.54)
.100
(2.54)
.169
(4.30)
+
+
.200
(5.08)
.354
(9.0)
.100
(2.54)
FIG. - 4A
FIG. - 4C
FIG. - 4B
GENERAL NOTES:
1. All dimensions are in inches (mm).
2. Tolerance is ± .015 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored
diffused lens except those with
an asterik (*), which denotes colored
clear lens.
5. Custom color combinations are available.
First color indicated is on top, and the second color is on the bottom.
For example: QLA694B-GY has GRN(top)/YEL(bottom).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com