Electronic Components Datasheet Search
  English  ▼

X  

MJE521 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJE521
Description  Plastic Medium?뭁ower NPN Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE521 Datasheet(HTML) 3 Page - ON Semiconductor

  MJE521 Datasheet HTML 1Page - ON Semiconductor MJE521 Datasheet HTML 2Page - ON Semiconductor MJE521 Datasheet HTML 3Page - ON Semiconductor MJE521 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJE521
http://onsemi.com
3
10
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
0.5
30
0.1
0.3
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 25°C
Figure 1. Active−Region Safe Operating Area
5.0ms
dc
5.0
20
10
5.0
2.0
TJ = 150°C
1.0
2.0
3.0
0.2
40
3.0
1.0ms
The data of Figure 1 based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided (TJpk)
v 150_C. At high case temperatures, thermal limitations
will reduce the power that can be handled to values less than
the limitations imposed by second breakdown.
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
IC, COLLECTOR CURRENT (mA)
700
1000
3.0 5.0
20
2000
2.0
100
70
50
10
10
50
100
30
25°C
TJ = 150°C
−55 °C
Figure 2. DC Current Gain
Figure 3. “On” Voltage
1.5
IC, COLLECTOR CURRENT (mA)
1.2
0.3
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
500
30
20
0.9
0.6
t, TIME (ms)
0.01
0.01
0.03
1.0
2.0
5.0
10
20
50
100
200
0.1
0.5
0.2
1.0
0.2
0.1
0.05
qJC(t) = r(t) qJC
qJC = 5.0°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
SINGLE PULSE
Figure 4. Thermal Response
0.5
D = 0.5
0.05
0.3
0.7
0.07
0.03
0.02
300
200
200
500 1000
300
VCE = 1.0 V
VCE(sat) @ IC/IB = 10
3.0 5.0
20
2000
2.0
10
50
100
30
200
500 1000
300
0.02
0.05
0.3
3.0
30
500
1000
300
0.1
0.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com