Electronic Components Datasheet Search
  English  ▼

X  

DA1-R-010-H-9 Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # DA1-R-010-H-9
Description  DA1 SERIES CONNECTORS - 0.60mm (.024) Contact Spacing, PCB-to-Cable Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DA1-R-010-H-9 Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  DA1-R-010-H-9 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-H-9 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-H-9 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-H-9 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-H-9 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-H-9 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DA1-R-010-H-9 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Japan Aviation Electronics Industry, Limited
1-19, Aobadai 3-chome, Meguro-ku
Tokyo 153-8539, Japan
Telephone: 03-3780-2736
Fax: 03-3780-2883
JAE Electronics, Inc.
142 Technology Drive, Suite 100
Irvine, California 92618-2430, U.S.A.
Telephone: 949-753-2600
Fax: 949-753-2699
800-523-7278 Toll free in the U.S.A.
JAE Europe
Coliseum Business Centre
Riverside Way, Camberley
Surrey, GU15 3YL, England
Telephone: 44-1276-404000
Fax: 44-1276-404010
JAE Taiwan, Ltd.
4F-1, No. 88, Chung Hsiao E. Rd.
Sec. 2, Taipei, Taiwan, R.O.C.
Telephone: 886-2-2396-7676
Fax: 886-2-2392-5929
JAE Hong Kong, Ltd.
Suites 1407-11, 14/F, Tower 2, The Gateway,
25 Canton Road, Tsimshatsui, Kowloon, Hong Kong
Telephone: 852-2723-7782
Fax: 852-2723-9028
JAE Korea, Inc.
1602, Korea City Air Tower
159-9 Samsung-Dong, Kangnam-ku
Seoul, 135-973, Korea
Telephone: 82-2-551-8959
Fax: 82-2-551-8958
JAE Philippines, Inc.
PEZA Zone, Gateway Business Park, Javalera
General Trias, 4107 Cavite, Philippines
Telephone: 63-46-433-0285
Fax: 63-46-433-0287
JAE Singapore Pte., Ltd.
33 Tannery Lane, #02-01 Hoesteel
Industrial Building
Singapore 347789
Telephone: 65-6748-1332
Fax: 65-6748-2920
JAE Shanghai Co., Ltd.
RM 1407, Shanghai Mart 2299 Yanan Rd.
West Shanghai 200336 P.R.C.
Telephone: 86-21-6236-0322
Fax: 86-21-6236-1292
“Building Technologies
to Connect Your World”
Printed in the U.S.A. 10M807TA SF3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com