Electronic Components Datasheet Search
  English  ▼

X  

MMPQ2369 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMPQ2369
Description  Quad Switching Transistor NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMPQ2369 Datasheet(HTML) 2 Page - ON Semiconductor

  MMPQ2369 Datasheet HTML 1Page - ON Semiconductor MMPQ2369 Datasheet HTML 2Page - ON Semiconductor MMPQ2369 Datasheet HTML 3Page - ON Semiconductor MMPQ2369 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMPQ2369
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain(1)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 2.0 Vdc)
hFE
40
20
—
—
—
—
—
Collector−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VCE(sat)
—
—
0.25
Vdc
Base −Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VBE(sat)
—
—
0.9
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
450
550
—
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
2.5
4.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
—
3.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn−On Time
(VCC = 3.0 Vdc, VEB(off) = 1.5 Vdc, IC = 10 mAdc,
IB1 = 3.0 mAdc)
ton
—
9.0
—
ns
Turn−Off Time
(VCC = 3.0 Vdc, IC = 10 mAdc, IB1 = 3.0 mAdc, IB2 = 1.5 mAdc)
toff
—
15
—
ns
1. Pulse Test: Pulse Width v 300 ms; Duty Cycle v 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com