Electronic Components Datasheet Search
  English  ▼

X  

MPSW01 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPSW01
Description  One Watt High Current Transistors NPN Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSW01 Datasheet(HTML) 1 Page - ON Semiconductor

  MPSW01 Datasheet HTML 1Page - ON Semiconductor MPSW01 Datasheet HTML 2Page - ON Semiconductor MPSW01 Datasheet HTML 3Page - ON Semiconductor MPSW01 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2010
February, 2010 − Rev. 5
1
Publication Order Number:
MPSW01/D
MPSW01, MPSW01A
One Watt High Current
Transistors
NPN Silicon
Features
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MPSW01
MPSW01A
VCEO
30
40
Vdc
Collector−Base Voltage
MPSW01
MPSW01A
VCBO
40
50
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
1000
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25°C
PD
1.0
8.0
W
mW/°C
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
2.5
20
W
mW/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg −55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
125
°C/W
Thermal Resistance, Junction−to−Case
RqJC
50
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
COLLECTOR
3
2
BASE
1
EMITTER
MARKING DIAGRAM
MPS
W01x
AYWW G
G
x
= 01A Devices
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
TO−92 (TO−226AE)
CASE 29−10
STYLE 1


Similar Part No. - MPSW01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW01 MOTOROLA-MPSW01 Datasheet
89Kb / 4P
One Watt High Current Transistors
logo
Fairchild Semiconductor
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
NPN General Purpose Amplifier
logo
Motorola, Inc
MPSW01A MOTOROLA-MPSW01A Datasheet
89Kb / 4P
One Watt High Current Transistors
logo
Jiangsu Changjiang Elec...
MPSW01A JIANGSU-MPSW01A Datasheet
553Kb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MPSW01A MCC-MPSW01A Datasheet
380Kb / 3P
NPN Plastic-Encapsulate Transistors
More results

Similar Description - MPSW01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSW01 MOTOROLA-MPSW01 Datasheet
89Kb / 4P
One Watt High Current Transistors
logo
ON Semiconductor
MPS6724 ONSEMI-MPS6724 Datasheet
58Kb / 5P
One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW05 ONSEMI-MPSW05 Datasheet
101Kb / 4P
One Watt Amplifier Transistors(NPN Silicon)
1996
MPSW42 ONSEMI-MPSW42 Datasheet
81Kb / 4P
One Watt High Voltage Transistor(NPN Silicon)
1998 REV 1
MPSW45 ONSEMI-MPSW45 Datasheet
228Kb / 6P
One Watt Darlington Transistors(NPN Silicon)
1996
MPSW55 ONSEMI-MPSW55 Datasheet
104Kb / 4P
One Watt Amplifier Transistors(PNP Silicon)
1996
MPSW45 ONSEMI-MPSW45_06 Datasheet
72Kb / 6P
One Watt Darlington Transistors NPN Silicon
February, 2006 ??Rev. 3
MPSW63 ONSEMI-MPSW63_06 Datasheet
100Kb / 4P
One Watt Darlington Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW51 ONSEMI-MPSW51 Datasheet
100Kb / 4P
One Watt High Current Transistors PNP Silicon
March, 2006 ??Rev. 3
MPSW51 ONSEMI-MPSW51_10 Datasheet
102Kb / 5P
One Watt High Current Transistors
August, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com