Electronic Components Datasheet Search
  English  ▼

X  

MSRD620CTRG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MSRD620CTRG
Description  SWITCHMODE Soft Ultrafast Recovery Reverse Polarity Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MSRD620CTRG Datasheet(HTML) 3 Page - ON Semiconductor

  MSRD620CTRG Datasheet HTML 1Page - ON Semiconductor MSRD620CTRG Datasheet HTML 2Page - ON Semiconductor MSRD620CTRG Datasheet HTML 3Page - ON Semiconductor MSRD620CTRG Datasheet HTML 4Page - ON Semiconductor MSRD620CTRG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSRD620CTRG
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage, Per Leg
Figure 2. Maximum Forward Voltage, Per Leg
0
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
10
0.1
2.0
1.0
1.5
2.5
3.0
TJ = 150°C
25
°C
1.0
-55
°C
125
°C
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 3. Typical Reverse Current, Per Leg
Figure 4. Maximum Reverse Current, Per Leg
100
140
0
VR, REVERSE VOLTAGE (VOLTS)
1E-04
1E-05
1E-07
1E-08
1E-09
1E-10
120
20
40
60
80
180
160
200
TJ = 150°C
125
°C
25
°C
VR, REVERSE VOLTAGE (VOLTS)
0
10
100
1.0
40
80
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Typical Capacitance
120
200
TJ = 25°C
160
TC, CASE TEMPERATURE (°C)
100
1
2
4
5
6
0
7
8
10
110
120
130
140
150
160
170
180
Figure 6. Typical Current Derating, Case (Per Leg)
RATED VOLTAGE APPLIED
RqJC = 5°C/W
dc
SQUARE WAVE
3
9
0.5
0
100
10
0.1
2.0
1.0
1.5
2.5
3.0
TJ = 150°C
25
°C
1.0
-55
°C
125
°C
0.5
1E-06
-55
°C
100
140
0
1E-04
1E-05
1E-07
1E-03
1E-08
120
20
40
60
80
180
160
200
TJ = 150°C
125
°C
25
°C
1E-06
-55
°C
90
80



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com