Electronic Components Datasheet Search
  English  ▼

X  

MV5B640 Datasheet(PDF) 1 Page - QT Optoelectronics

Part # MV5B640
Description  SUPER BRIGHT T-100 3 mm LED LAMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV5B640 Datasheet(HTML) 1 Page - QT Optoelectronics

  MV5B640 Datasheet HTML 1Page - QT Optoelectronics MV5B640 Datasheet HTML 2Page - QT Optoelectronics MV5B640 Datasheet HTML 3Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.122 (3.1)
0.106 (2.7)
0.047 (1.2)
0.032 (0.8)
0.189 (4.8)
0.165 (4.2)
0.059 (1.5)
0.032 (0.8)
1.040 (26.4)
MIN
0.040 (1.00)
MIN
0.100 (2.54)
Ø0.137 (3.48)
Ø0.113 (2.88)
0.020 (0.51)
SQ. (2X)
CL
SUPER BRIGHT T-100 (3 mm)
LED LAMP
1 of 3
2/10/00
300035A
PACKAGE DIMENSIONS
FEATURES
• Low drive current
• Solid state reliability
• Water clear or blue diffused optics
• Standard 100 mil. lead spacing
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-40 to +100
°C
Storage Temperature
TSTG
-40 to +100
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
Continuous Forward Current
IF
30
mA
Peak Forward Current
IF
100
mA
(f = 1.0 KHz, Duty Factor = 1/10)
Reverse Voltage (IR = 10 µA)
VR
5V
Power Dissipation
PD
120
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Lead spacing is measured where the leads emerge from
the package.
3. Protruded resin under the flange is 1.5 mm (0.059") max.
SUPER BLUE (WATER CLEAR)
MV5B60
SUPER BLUE (BLUE DIFFUSED)
MV5B640
DESCRIPTION
These T-100 super bright blue LEDs have a moderate viewing
angle of 35° or 45° for concentrated light output. The blue diode
chip is constructed with GaN/SiC technology and emits a peak
wavelength of 430 nm.


Similar Part No. - MV5B640

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV5B640 FAIRCHILD-MV5B640 Datasheet
119Kb / 4P
SUPER BRIGHT T-100 (3 mm) LED LAMP
More results

Similar Description - MV5B640

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV871X QT-MV871X Datasheet
99Kb / 3P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV874X QT-MV874X Datasheet
98Kb / 3P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
Fairchild Semiconductor
MV5B60 FAIRCHILD-MV5B60 Datasheet
119Kb / 4P
SUPER BRIGHT T-100 (3 mm) LED LAMP
MV8003 FAIRCHILD-MV8003 Datasheet
126Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8041 FAIRCHILD-MV8041 Datasheet
126Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8313 FAIRCHILD-MV8313 Datasheet
127Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8341 FAIRCHILD-MV8341 Datasheet
125Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8703 FAIRCHILD-MV8703 Datasheet
126Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8731 FAIRCHILD-MV8731 Datasheet
126Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8832 FAIRCHILD-MV8832 Datasheet
129Kb / 4P
SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com