Electronic Components Datasheet Search
  English  ▼

X  

NB2762A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB2762A
Description  Low Power, Reduced EMI Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2762A Datasheet(HTML) 6 Page - ON Semiconductor

  NB2762A Datasheet HTML 1Page - ON Semiconductor NB2762A Datasheet HTML 2Page - ON Semiconductor NB2762A Datasheet HTML 3Page - ON Semiconductor NB2762A Datasheet HTML 4Page - ON Semiconductor NB2762A Datasheet HTML 5Page - ON Semiconductor NB2762A Datasheet HTML 6Page - ON Semiconductor NB2762A Datasheet HTML 7Page - ON Semiconductor NB2762A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NB2762A
http://onsemi.com
6
Figure 4. Typical Crystal Oscillator Circuit
Crystal
C1 = 27 pF
C2 = 27 pF
R1 = 510
W
XIN
XOUT
Table 8. TYPICAL CRYSTAL SPECIFICATIONS
Fundamental AT Cut Parallel Resonant Crystal
Nominal Frequency
8.0 MHz
Frequency Tolerance
±50 ppm or better at 25°C
Operating Temperature Range
-25
°C to +85°C
Storage Temperature
-40
°C to +85°C
Load Capacitance
18 pF
Shunt Capacitance
7 pF Maximum
ESR
25
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com