Electronic Components Datasheet Search
  English  ▼

X  

OPA141 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA141
Description  Single-Supply, 10MHz, Rail-to-Rail Output,Low-Noise, JFET Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA141 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA141 Datasheet HTML 10Page - Texas Instruments OPA141 Datasheet HTML 11Page - Texas Instruments OPA141 Datasheet HTML 12Page - Texas Instruments OPA141 Datasheet HTML 13Page - Texas Instruments OPA141 Datasheet HTML 14Page - Texas Instruments OPA141 Datasheet HTML 15Page - Texas Instruments OPA141 Datasheet HTML 16Page - Texas Instruments OPA141 Datasheet HTML 17Page - Texas Instruments OPA141 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
R
1
R
2
E
O
R
1
R
2
E
O
R
S
V
S
R
S
V
S
A)NoiseinNoninvertingGainConfiguration
B)NoiseinInvertingGainConfiguration
Noiseattheoutput:
Wheree =
S
4kTR
S
4kTR
1
4kTR
2
=thermalnoiseofR
S
=thermalnoiseofR
1
=thermalnoiseofR
2
e =
1
e =
2
Noiseattheoutput:
E
=
O
2
1+
R
2
R +R
1
S
R
2
R +R
1
S
2
2
2
Wheree =
S
4kTR
S
4kTR
1
4kTR
2
=thermalnoiseofR
S
=thermalnoiseofR
1
=thermalnoiseofR
2
e =
1
e =
2
R
2
R +R
1
S
2
1+
R
2
R
1
1+
R
2
R
1
2
R
2
R
1
2
e +e +
1
2
2
2
E
=
O
2
e +
n
2
e
s
2
e +e +
1
2
2
2
e
s
2
e +
n
2
OPA141
OPA2141
OPA4141
SBOS510B – MARCH 2010 – REVISED MAY 2010
www.ti.com
BASIC NOISE CALCULATIONS
Figure 32 illustrates both noninverting (A) and
inverting (B) op amp circuit configurations with gain.
Low-noise circuit design requires careful analysis of
In circuit configurations with gain, the feedback
all
noise
sources.
External
noise
sources
can
network resistors also contribute noise. In general,
dominate in many cases; consider the effect of
the current noise of the op amp reacts with the
source
resistance
on
overall
op
amp
noise
feedback
resistors
to
create
additional
noise
performance.
Total
noise
of
the
circuit
is
the
components. However, the extremely low current
root-sum-square
combination
of
all
noise
noise of the OPAx141 means that its current noise
components.
contribution can be neglected.
The resistive portion of the source impedance
The feedback resistor values can generally be
produces thermal noise proportional to the square
chosen to make these noise sources negligible. Note
root of the resistance. This function is plotted in
that low impedance feedback resistors load the
Figure 31. The source impedance is usually fixed;
output of the amplifier. The equations for total noise
consequently, select the op amp and the feedback
are shown for both configurations.
resistors to minimize the respective contributions to
the total noise.
space
For the OPAx141 series of operational amplifiers at 1kHz, en = 6.5nV/√Hz.
Figure 32. Noise Calculation in Gain Configurations
14
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): OPA141 OPA2141 OPA4141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com