Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP512 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 18Page - Texas Instruments TMP512 Datasheet HTML 19Page - Texas Instruments TMP512 Datasheet HTML 20Page - Texas Instruments TMP512 Datasheet HTML 21Page - Texas Instruments TMP512 Datasheet HTML 22Page - Texas Instruments TMP512 Datasheet HTML 23Page - Texas Instruments TMP512 Datasheet HTML 24Page - Texas Instruments TMP512 Datasheet HTML 25Page - Texas Instruments TMP512 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
´
Power Register
Current Register
Two-Wire
Interface
Voltage Register
ADC
GPIO
GND
DXP1
DXN1
DXP2
DXN2
ADC
Low-Pass Filter
MUX
DXP3
DXN3
V
IN+
V
IN-
Current
Shunt
Load
Filter C
V+
Subregulator
3.3V
Internal
Diode
Temperature
Sensor
A0
ALERT
SDA
SCL
SMBus
Controller
3.3V Supply
TMP512
TMP513
V
= V
-
SHUNT
IN+
V
IN-
Typically < 50mV
V
=
BUS
GND
-
V
IN-
Range of 0V to 26V
Typical Application: 12V
TMP512
TMP513
SBOS491 – JUNE 2010
www.ti.com
Figure 27. TMP512/13 Configured for Shunt and Bus Voltage Measurement
All current and power calculations are performed in
The Conversion Ready bit and the Conversion Ready
the background and do not contribute to conversion
Temperature bit clear when reading the Status
time; conversion times shown in the Electrical
Register or triggering a single-shot conversion.
Characteristics table can be used to determine the
actual conversion time.
POWER MEASUREMENT
Power-Down mode reduces the quiescent current
Current and bus voltage are converted at different
and turns off current into the TMP512/13 inputs,
points in time, depending on the resolution and
avoiding
any
supply
drain.
Full
recovery
from
averaging
mode
settings.
For
instance,
when
Power-Down requires 40ms. ADC Off mode (set by
configured for 12-bit and 128 sample averaging, up to
Configuration Register 1, MODE bits) stops all
81ms in time between sampling these two values is
conversions.
possible. Again, these calculations are performed in
Although the TMP512/13 can be read at any time,
the background and do not add to the overall
and the data from the last conversion remain
conversion time.
available,
the
Conversion
Ready
bit
and
the
Conversion Ready Temperature bit (Status Register,
PGA FUNCTION
CVR and CRT) are provided to help co-ordinate
If larger full-scale shunt voltages are desired, the
one-shot or triggered conversions. The Conversion
TMP512/13 provide a PGA function that increases
Ready bit and the Conversion Ready Temperature bit
the full-scale range up to 2, 4, or 8 times (320mV).
are
set
after
all
conversions,
averaging,
and
Additionally, the bus voltage measurement has two
multiplication operations are complete.
full-scale ranges: 16V or 32V.
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TMP512 TMP513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com