Electronic Components Datasheet Search
  English  ▼

X  

MV8713 Datasheet(PDF) 2 Page - QT Optoelectronics

Part # MV8713
Description  SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV8713 Datasheet(HTML) 2 Page - QT Optoelectronics

  MV8713 Datasheet HTML 1Page - QT Optoelectronics MV8713 Datasheet HTML 2Page - QT Optoelectronics MV8713 Datasheet HTML 3Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
1/27/00
300028A
SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
Part Number
MV8713
MV8714
MV8715
MV8716
Condition
Luminous Intensity (mcd)
IF = 20 mA
Minimum
630
1000
1600
2500
Typical
940
1500
2400
3500
Forward Voltage (V)
IF = 20 mA
Maximum
2.8
2.8
2.8
2.8
Typical
2.1
2.1
2.1
2.1
Wavelength (nm)
IF = 20 mA
Peak
620
620
620
620
Dominant
615
615
615
615
Spectral Line Half Width (nm)
20
20
20
20
IF = 20 mA
Viewing Angle (°)
12
12
12
12
IF = 20 mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
0
1020
30
4050
100
90
80
70
60
50
40
30
20
10
0
1.0
1.5
2.0
2.5
3.0
VF - FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
TYPICAL PERFORMANCE CURVES
SUPER ORANGE
MV871X
MV8713 MV8714
MV8715 MV8716



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com