Electronic Components Datasheet Search
  English  ▼

X  

3296 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3296
Description  3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3296 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3296 Datasheet HTML 1Page - Bourns Electronic Solutions 3296 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Multiturn / Cermet / Industrial / Sealed
■ 5 terminal styles
■ Tape and reel packaging available
■ Chevron seal design
■ Listed on the QPL for style RJ24 per
MIL-R-22097 and RJR24 per High-Rel
Mil-R-39035
■ Mounting hardware available
(H-117P)
■ RoHS compliant* version available
3296 - 3/8 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
......................10 ohms to 2 megohms
(see standard resistance table)
Resistance Tolerance ........... ±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
........................... 1 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
........................ 1.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage .................................. ±0.01 %
Resistance ............................ ±0.05 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level................................ 900 vac
70,000 Feet ............................ 350 vac
Effective Travel .................25 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
70 °C ...................................... 0.5 watt
125 °C ....................................... 0 watt
Temperature Range ... -55 °C to +125 °C
Temperature Coefficient ... ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity .......MIL-STD-202 Method 103
96 hours
(2 %
ΔTR, 10 Megohms IR)
Vibration ....... 20 G (1 %
ΔTR; 1 % ΔVR)
Shock ......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life.. 1,000 hours 0.5 watt @ 70 °C
(3 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Rotational Life .......................200 cycles
(4 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque............................. 3.0 oz-in. max.
Mechanical Stops................. Wiper idles
Terminals ....................... Solderable pins
Weight ....................................... 0.03 oz.
Marking........................... Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model
number and style
Wiper ............... 50 % (Actual TR) ±10 %
Flammability ..........................U.L. 94V-0
Standard Packaging .....50 pcs. per tube
Adjustment Tool.............................. H-90
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3296 W - 1 - 103 __ LF
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Packaging Designator
Blank = Tube (Standard)
R = Tape and Reel (X and W Pin Styles
Only)
A = Ammo Pack (X and W Pin Styles Only)
Terminations
LF =
100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Consult factory for other available options.
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
Popular values listed in boldface. Special
resistances available.
Common Dimensions
1.27 ± 0.1
(.050 ± .004)
4.83 ± .13
(.190 ± .005)
9.53
(.375)
1.27 ± 0.1
(.050 ± .004)
5.23
(.206)
2
3
1
2
3
1
2.41
(.095)
2
3
1
8.26 ± .64
(.325 ± .025)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.41
(.095)
10.03
(.395)
1.52
(.060)
.38
(.015)
6.40 ± 1.32
(.252 ± .052)
.51 ± .03
(.020 ± .001)
2.54
(.100)
2.54
(.100)
MIN.
DIA.
ADJ. SLOT
2.19
(.086)
.56
(.022)
.76
(.030)
WIDE
X
X
DEEP
DIA.
3296P
3296W
3296X
1
2
3
1.14
(.045)
2
3
1
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
1.14
(.045)
3296Y
3296Z


Similar Part No. - 3296

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296 BOURNS-3296 Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
logo
Pomona Electronics
3296 POMONA-3296 Datasheet
24Kb / 2P
Adapter, Miniature Binding Posts To BNC Male
logo
Bourns Electronic Solut...
3296 BOURNS-3296 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Vatronics Technologies ...
3296 VATRONICS-3296 Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3296 BOURNS-3296 Datasheet
176Kb / 2P
3/8 ” Square Trimpot® Trimming Potentiometer
REV. 04/14
More results

Similar Description - 3296

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296W-1-102 BOURNS-3296W-1-102 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-505LF BOURNS-3296W-1-505LF Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296Y-1-103LF BOURNS-3296Y-1-103LF Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-100 BOURNS-3296W-1-100 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-200 BOURNS-3296W-1-200 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-204 BOURNS-3296W-1-204 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296X-1-203 BOURNS-3296X-1-203 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-502 BOURNS-3296W-1-502 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-500 BOURNS-3296W-1-500 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296Z-1-102LF BOURNS-3296Z-1-102LF Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com