Electronic Components Datasheet Search
  English  ▼

X  

WR3296P Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # WR3296P
Description  ROTARY POTENTIOMETER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

WR3296P Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  WR3296P Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model(型號):
ROTARY POTENTIOMETER---------WR3296P
► Download PDF file
Features:(特點):
Measuring equiqment, cMany models are available.High performance and high
dependability.
Automatic adjustment (with automatically adjustable driver)possible.
Being of sealed structure,the potentiometiometers may be cleane with a variety of
cleanign liquids.
Easy adjustment by large diameter shaft.
The adjustable screwdriver available i the commercial market can be used.
Applications(作用):
Measuring equipment,communication device,industrial machines,high requirements for
environmet.
Dimensions(規格圖 ):
Specifications( 規格)
ITEMS[項目]
WR3006
WR3266
WR3296
WR3329
WR3362
WR3386
Electrical Characteristics [ 電氣性能 ]
Total resistance [ 全阻抗值 ]
100Ω~1MΩ
Total resistance tolerance [ 全阻抗值容許差 ]
±10% or ±20%
Ratings power(w) [ 額定功率 ]
0.75W
0.25W
0.5W
0.5W
0.5W
0.5W
Restings taper[阻抗變化特性]
(JIS)B
Residual resistance [殘留阻值]
R<=1KΩ:10Ω;
R>1KΩ:1%RΩ
[R=Total resistance]
Withstanding voltage [耐電壓]
630V AC
500V AC
500V AC
500V AC
640V AC
600V AC
Mechanical Characteristics [ 机械性能 ]
Operation torque [ 回轉力矩 ]
30~350gf . cm
Total rotational angle [回轉角度]
22±5 turns 12±2 turns
28
±5 turns
280º
±10º
250º
±10º
300º
±10º
Endurance Characteristics [ 耐久性能 ]
Rotational life [ 回轉壽命 ]
200 cycles
Http://www.productwell.com E-Mail: pwlhk@productwell.com
Tel: ( 852)2687 3208 Fax: ( 852)2687 3336


Similar Part No. - WR3296P

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
WR3296P PRODUCTWELL-WR3296P_14 Datasheet
193Kb / 1P
Measuring equipment,communication device,industrial machines,high requirements for environmet.
More results

Similar Description - WR3296P

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
R10A1MH01 PRODUCTWELL-R10A1MH01_14 Datasheet
250Kb / 2P
ROTARY POTENTIOMETER
R10A12V01 PRODUCTWELL-R10A12V01_14 Datasheet
270Kb / 2P
ROTARY POTENTIOMETER
R12A11V01 PRODUCTWELL-R12A11V01_14 Datasheet
297Kb / 2P
ROTARY POTENTIOMETER
R12712BS1 PRODUCTWELL-R12712BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723BS1 PRODUCTWELL-R12723BS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R12723CS1 PRODUCTWELL-R12723CS1_14 Datasheet
1Mb / 1P
ROTARY POTENTIOMETER
R16311DB1 PRODUCTWELL-R16311DB1_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
R16311EB1 PRODUCTWELL-R16311EB1_14 Datasheet
125Kb / 2P
ROTARY POTENTIOMETER
R16312DB2 PRODUCTWELL-R16312DB2_14 Datasheet
128Kb / 2P
ROTARY POTENTIOMETER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com