Electronic Components Datasheet Search
  English  ▼

X  

QED121 Datasheet(PDF) 1 Page - QT Optoelectronics

Part # QED121
Description  PLASTIC INFRARED LIGHT EMITTING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

QED121 Datasheet(HTML) 1 Page - QT Optoelectronics

  QED121 Datasheet HTML 1Page - QT Optoelectronics QED121 Datasheet HTML 2Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.195 (4.95)
0.040 (1.02)
NOM
0.100 (2.54)
NOM
0.050 (1.25)
0.800 (20.3)
MIN
0.305 (7.75)
0.240 (6.10)
0.215 (5.45)
0.020 (0.51)
SQ. (2X)
REFERENCE
SURFACE
CATHODE
1. Derate power dissipation linearly 2.67
mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols are
recommended as cleaning agents.
4. Soldering iron 1/16” (1.6mm) minimum
from housing.
1 of 2
100021B
PACKAGE DIMENSIONS
FEATURES
•
!= 880 nm
• Chip material = AlGaAs
• Package type: T-1 3/4 (5mm lens diameter)
• Matched Photosensor: QSD122/123/124
• Narrow Emission Angle, 18°
• High Output Power
• Package material and color: Clear, peach tinted, plastic
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-40 to +100
°C
Storage Temperature
TSTG
-40 to +100
°C
Soldering Temperature (Iron)(2,3,4)
TSOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(2,3)
TSOL-F
260 for 10 sec
°C
Continuous Forward Current
IF
50
mA
Reverse Voltage
VR
5V
Power Dissipation(1)
PD
200
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Tolerance of ± .010 (.25) on all non-nominal dimensions
unless otherwise specified.
ANODE
CATHODE
SCHEMATIC
QED121/122/123
PLASTIC INFRARED LIGHT EMITTING DIODE
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Peak Emission Wavelength
IF = 100 mA
!
PE
—
880
—
nm
Emission Angle
IF = 100 mA
"
—
±9
—
Deg.
Forward Voltage
IF = 100 mA, tp = 20 ms
VF
——
1.7
V
Reverse Current
VR = 5 V
IR
——
10
µA
Radiant Intensity QED121
IF = 100 mA, tp = 20 ms
IE
20
—
40
mW/sr
Radiant Intensity QED122
IF = 100 mA, tp = 20 ms
IE
50
—
100
mW/sr
Radiant Intensity QED123
IF = 100 mA, tp = 20 ms
IE
80
——
mW/sr
Rise Time
IF = 100 mA
tr
—
800
—
ns
Fall Time
tf
—
800
—
ns
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)


Similar Part No. - QED121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QED121 FAIRCHILD-QED121 Datasheet
358Kb / 3P
PLASTIC INFRARED LIGHT EMITTING DIODE
More results

Similar Description - QED121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QEC112 FAIRCHILD-QEC112 Datasheet
134Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
QEC121 FAIRCHILD-QEC121 Datasheet
130Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
QED121 FAIRCHILD-QED121 Datasheet
358Kb / 3P
PLASTIC INFRARED LIGHT EMITTING DIODE
QED221 FAIRCHILD-QED221 Datasheet
103Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
QED422 FAIRCHILD-QED422 Datasheet
369Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
QEE113 FAIRCHILD-QEE113 Datasheet
332Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
QEE213 FAIRCHILD-QEE213 Datasheet
281Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
QED123UL FAIRCHILD-QED123UL Datasheet
491Kb / 4P
PLASTIC INFRARED LIGHT EMITTING DIODE
QEE213 FAIRCHILD-QEE213_05 Datasheet
58Kb / 4P
Plastic Infrared Light Emitting Diode
QEE113E3R0 FAIRCHILD-QEE113E3R0 Datasheet
125Kb / 5P
Plastic Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com