Electronic Components Datasheet Search
  English  ▼

X  

31GF7 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # 31GF7
Description  ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

31GF7 Datasheet(HTML) 1 Page - Gulf Semiconductor

  31GF7 Datasheet HTML 1Page - Gulf Semiconductor 31GF7 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
31GF7
ULTRAFAST EFFICIENT
GLASS PASSIVATED RECTIFIER
VOLTAGE:
:
:
:700V
CURRENT:
:
:
: 3.0A
FEATURE
DO-
--
-201AD
Low power loss
High surge capability
Ultra-fast recovery time for high efficiency
High temperature soldering guaranteed
250℃/10sec/0.375″lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 750, method 2026
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated)
SYMBOL
31GF7
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
700
V
Maximum RMS Voltage
Vrms
490
V
Maximum DC blocking Voltage
Vdc
700
V
Maximum Average Forward Rectified
Current, 0.375″lead length at TL =110℃
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
90
A
Maximum Forward Voltage at Forward current
At3.0A
(Note 1)
Vf
1.6
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =120℃
Ir
10.0
100.0
μA
μA
Maximum Reverse Recovery Time
(Note 2)
Trr
30
nS
Typical Thermal Resistance
R(ja)
30.0
℃/W
Storage and Operating Junction Temperature
Tstg,Tj
-40 to +150
℃
Note:
1. Pulse test:300uS pulse width, 1% duty cycle
2. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
Rev.A4
www.gulfsemi.com


Similar Part No. - 31GF7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF1000 VISHAY-31GF1000 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
logo
Gulf Semiconductor
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
logo
SUNMATE electronic Co.,...
31GF2 SUNMATE-31GF2 Datasheet
428Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
General Semiconductor
31GF4 GE-31GF4 Datasheet
20Kb / 2P
Ultrafast Plastic Rectifier
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
More results

Similar Description - 31GF7

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1R5GU41 GULFSEMI-1R5GU41 Datasheet
106Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?.5A
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6 GULFSEMI-31GF6 Datasheet
193Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6A GULFSEMI-31GF6A Datasheet
160Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
BYV27-400 GULFSEMI-BYV27-400 Datasheet
103Kb / 2P
GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT SILICON RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
BYW95BG GULFSEMI-BYW95BG Datasheet
100Kb / 2P
FAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
HER30-1500G GULFSEMI-HER30-1500G Datasheet
125Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?500V CURRENT竊?3.0A
HER301G GULFSEMI-HER301G Datasheet
153Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00 TO 1000V CURRENT竊?3.0A
UF2004A GULFSEMI-UF2004A Datasheet
85Kb / 2P
ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com