Electronic Components Datasheet Search
  English  ▼

X  

BY228GP Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # BY228GP
Description  SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BY228GP Datasheet(HTML) 1 Page - Gulf Semiconductor

  BY228GP Datasheet HTML 1Page - Gulf Semiconductor BY228GP Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY228GP
SINTERED GLASS JUNCTION
PLASTIC RECTIFIER
VOLTAGE:1500V
CURRENT: 3.0A
FEATURE
DO-201AD
High temperature metallurgically bonded construction
Sintered glass cavity free junction
Capability of meeting environmental standard of
MIL-S-19500
High temperature soldering guaranteed
350
°C /10sec/0.375”lead length at 5 lbs tension
Operate at Ta =55
°C with no thermal run away
Typical Ir<0.1
µA
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
BY228GP
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
1500
V
Maximum RMS Voltage
Vrms
1050
V
Maximum DC blocking Voltage
Vdc
1500
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
3.0
A
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
125.0
A
Maximum Instantaneous Forward Voltage
At 5.0A
Vf
1.50
V
Maximum full load reverse current full cycle
Average at 55
°C
Ir(av)
100.0
µA
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =150
°C
Ir
5.0
100.0
µA
µA
Typical Reverse Recovery Time
(Note 1)
Trr
1000
nS
Typical Thermal Resistance
(Note 2)
Rth(ja)
70.0
K /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Thermal Resistance from Junction to Ambient on PC board with spacing 25mm
Rev.A1
www.gulfsemi.com


Similar Part No. - BY228GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
Clamper/Damper Glass Passivated Rectifier
15-Mar-11
logo
SUNMATE electronic Co.,...
BY228GP SUNMATE-BY228GP Datasheet
223Kb / 2P
3.0A Axial Leaded Sintered Class Junction Plastic Rectifier
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
78Kb / 5P
Clamper / Damper Glass Passivated Fast Plastic Rectifier
05-Oct-2021
BY228GP VISHAY-BY228GP_V01 Datasheet
78Kb / 5P
Clamper / Damper Glass Passivated Fast Plastic Rectifier
05-Oct-2021
More results

Similar Description - BY228GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5554 GULFSEMI-1N5554 Datasheet
110Kb / 2P
SINTERED GLASS JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
BYW82GP GULFSEMI-BYW82GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:200 TO 1000V CURRENT: 3.0A
DGP30W GULFSEMI-DGP30W Datasheet
145Kb / 2P
DAMPER SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GRD07-15GP GULFSEMI-GRD07-15GP Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1500V CURRENT: 1.5A
GUFB30J GULFSEMI-GUFB30J Datasheet
82Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
GUFB30M GULFSEMI-GUFB30M Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 3.0A
RU4TGR GULFSEMI-RU4TGR Datasheet
134Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:1300V CURRENT: 3.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com