Electronic Components Datasheet Search
  English  ▼

X  

BY448 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # BY448
Description  SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BY448 Datasheet(HTML) 1 Page - Gulf Semiconductor

  BY448 Datasheet HTML 1Page - Gulf Semiconductor BY448 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY448
SINTERED GLASS JUNCTION
AVALANCHE RECTIFIER
VOLTAGE:1500V
CURRENT: 2.0A
FEATURE
SOD-57
Glass passivated
High maximum operating temperature
Low leakage current
Excellent stability
MECHANICAL DATA
Case: SOD-57 sintered glass case
Terminal: Plated axial leads solderable per MIL-STD 202E,
method 208C
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
BY448
units
Maximun Repetitive Peak Reverse Voltage
Vrrm
1500
V
Maximum RMS Voltage
Vrms
1050
V
Maximum DC blocking Voltage
Vdc
1500
V
Maximum Average Forward Rectified Current
If(av)
2.0
A
Non-Repetitive Peak Forward Surge Current at tp=10ms
half sinewave
Ifsm
30.0
A
Maximum Instantaneous Forward Voltage at 3.0A
Vf
1.60
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =150
°C
Ir
5.0
150.0
µA
Typical Reverse Recovery Time
(Note 1)
Trr
2000
nS
Typical Thermal Resistance
(Note 2)
Rth(ja)
100
K /W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. on PC with spacing 25mm
Rev.A1
www.gulfsemi.com


Similar Part No. - BY448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY448 PHILIPS-BY448 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY448 VISHAY-BY448 Datasheet
124Kb / 5P
Standard Avalanche Sinterglass Diode
14-Apr-05
BY448 VISHAY-BY448 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
logo
Shenzhen Luguang Electr...
BY448 LUGUANG-BY448 Datasheet
218Kb / 3P
Standard Avalanche Sinterglass Diode
More results

Similar Description - BY448

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5061 GULFSEMI-1N5061 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V to 800V CURRENT: 2.0A
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
BY228GP GULFSEMI-BY228GP Datasheet
139Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
BYW36 GULFSEMI-BYW36 Datasheet
147Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW54 GULFSEMI-BYW54 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW56 GULFSEMI-BYW56 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 2.0A
DGP30W GULFSEMI-DGP30W Datasheet
145Kb / 2P
DAMPER SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GP30-15 GULFSEMI-GP30-15 Datasheet
138Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1500V CURRENT: 3.0A
GRD07-15GP GULFSEMI-GRD07-15GP Datasheet
145Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1500V CURRENT: 1.5A
RG2J GULFSEMI-RG2J Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST SWITCHING RECTIFIER VOLTAGE: 600V CURRENT: 2.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com