Electronic Components Datasheet Search
  English  ▼

X  

BYV36C Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # BYV36C
Description  SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.6A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BYV36C Datasheet(HTML) 1 Page - Gulf Semiconductor

  BYV36C Datasheet HTML 1Page - Gulf Semiconductor BYV36C Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYV36C
SINTERED GLASS JUNCTION
FAST AVALANCHE RECTIFIER
VOLTAGE: 600V
CURRENT: 1.6A
FEATURE
SOD-57
Glass passivated
High maximum operating temperature
Low leakage current
Excellent stability
Guaranteed avalanche energy absorption capability
MECHANICAL DATA
Case: SOD-57 sintered glass case
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Polarity: color band denotes cathode end
Mounting position: any
Dimensions in millimeters
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
BYV36C
units
Maximum Recurrent Peak Reverse Voltage
VRRM
600
V
Maximum RMS Voltage
VRMS
420
V
Maximum DC blocking Voltage
VDC
600
V
Reverse Breakdown Voltage
at IR =0. 1mA
V(BR)R
700min
V
Maximum Average Forward Rectified Current
at Ttp=60
°C, lead length=10mm
IF(AV)
1.6
A
Peak Forward Surge Current at t=10ms half
sinewave
IFSM
30
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
IF = 1.0A
VF
1.35
V
Maximum DC Reverse Current
Tj = 25
°C
at rated DC blocking voltage
Tj = 165
°C
IR
5.0
150
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
100
nS
Non Repetitive Reverse Avalanche Energy
at L=120Mh
ER
10
mJ
Typical Diode Capacitance at f=1MHz,VR=0V
Cd
45
pF
Typical Thermal Resistance
(Note 2)
Rth(ja)
100
K/W
Storage and Operating Junction Temperature
Tstg, Tj
-65 to +175
℃
Note:
1. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Device mounted on an epoxy-glass printed-circuit boars, 1.5mm thick; thichness of Cu-layer≥40μm
Rev.A1
www.gulfsemi.com


Similar Part No. - BYV36C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36C PHILIPS-BYV36C Datasheet
78Kb / 14P
Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
logo
Galaxy Semi-Conductor H...
BYV36C BILIN-BYV36C Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYV36C SYNSEMI-BYV36C Datasheet
39Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYV36C EIC-BYV36C Datasheet
56Kb / 2P
VERY FAST SOFT-RECOVERY AVALANCHE RECTIFIER DIODES
logo
Shenzhen Luguang Electr...
BYV36C LUGUANG-BYV36C Datasheet
179Kb / 2P
Fast Recovery Rectifiers
More results

Similar Description - BYV36C

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BYM26C GULFSEMI-BYM26C Datasheet
65Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 2.3A
BYM26D GULFSEMI-BYM26D Datasheet
67Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 2.3A
BYM26G GULFSEMI-BYM26G Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 2.3A
BYV27-600 GULFSEMI-BYV27-600 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.6A
BYV36A GULFSEMI-BYV36A Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.6A
BYV36B GULFSEMI-BYV36B Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 400V CURRENT: 1.6A
BYV95A GULFSEMI-BYV95A Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 200V CURRENT: 1.5A
BYV95C GULFSEMI-BYV95C Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.5A
BYW178 GULFSEMI-BYW178 Datasheet
71Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 800V CURRENT: 3.0A
logo
Shenzhen Luguang Electr...
BYT54M LUGUANG-BYT54M Datasheet
238Kb / 2P
Sintered Glass Junction Fast Avalanche Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com