Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5484_2 Datasheet HTML 18Page - Texas Instruments ADS5484_2 Datasheet HTML 19Page - Texas Instruments ADS5484_2 Datasheet HTML 20Page - Texas Instruments ADS5484_2 Datasheet HTML 21Page - Texas Instruments ADS5484_2 Datasheet HTML 22Page - Texas Instruments ADS5484_2 Datasheet HTML 23Page - Texas Instruments ADS5484_2 Datasheet HTML 24Page - Texas Instruments ADS5484_2 Datasheet HTML 25Page - Texas Instruments ADS5484_2 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
CLKP
CLKM
ADS548x
SquareWaveor
SineWave
0.01 F
m
0.01 F
m
S0168-08
ADS5484
ADS5485
SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009 ............................................................................................................................................... www.ti.com
Clock Inputs
The ADS548x equivalent clock input circuit is shown in Figure 37. The clock inputs can be driven with either a
differential clock signal or a single-ended clock input, but differential is highly recommended. The characterization
of the ADS548x is typically performed with a 3-VPP differential clock, but the ADC performs well with a differential
clock amplitude down to ~1 VPP, as shown in Figure 39 and Figure 40 . The performance is optimized when the
clock amplitude is kept above 2 VPP. The clock amplitude becomes more of a factor in performance as the
analog input frequency increases. When single-ended clocking is a necessity, it is best to connect CLKM to
ground with a 0.01-
μF capacitor, while CLKP is ac-coupled with a 0.01-μF capacitor to the clock source, as
shown in Figure 38.
Figure 37. Clock Input Circuit
Figure 38. Single-Ended Clock
22
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5484 ADS5485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com