Electronic Components Datasheet Search
  English  ▼

X  

AM1705BPTP3 Datasheet(PDF) 21 Page - Texas Instruments

Part # AM1705BPTP3
Description  AM1705 ARM Microprocessor
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1705BPTP3 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AM1705BPTP3 Datasheet HTML 17Page - Texas Instruments AM1705BPTP3 Datasheet HTML 18Page - Texas Instruments AM1705BPTP3 Datasheet HTML 19Page - Texas Instruments AM1705BPTP3 Datasheet HTML 20Page - Texas Instruments AM1705BPTP3 Datasheet HTML 21Page - Texas Instruments AM1705BPTP3 Datasheet HTML 22Page - Texas Instruments AM1705BPTP3 Datasheet HTML 23Page - Texas Instruments AM1705BPTP3 Datasheet HTML 24Page - Texas Instruments AM1705BPTP3 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
Table 3-9. Enhanced Pulse Width Modulator (eHRPWM) Terminal Functions (continued)
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
eHRPWM2
eHRPWM2 A (with
AXR1[6]/EPWM2A/GP4[6]
170
I/O
IPD
high-resolution).
McASP1, GPIO
eHRPWM2 B
AXR1[5]/EPWM2B/GP4[5]
171
I/O
IPD
output.
McASP1,
eHRPWM2 trip zone
AMUTE1/EPWMTZ/GP4[14]
132
I/O
IPD
eHRPWM0, GPIO,
input.
eHRPWM2
3.6.8
Enhanced Quadrature Encoder Pulse Module (eQEP)
Table 3-10. Enhanced Quadrature Encoder Pulse Module (eQEP) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
eQEP0
eQEP0A quadrature
SPI0_ENA/UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
12
I
IPU
input.
SPIO, UART0,
GPIO, BOOT
eQEP0B quadrature
SPI0_SCS[0]/UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
9
I
IPU
input.
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
17
I
IPD
eQEP0 index.
SPI0, GPIO, BOOT
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
18
I
IPD
eQEP0 strobe.
eQEP1
eQEP1A quadrature
AXR1[3]/EQEP1A/GP4[3]
174
I
IPD
input.
McASP1, GPIO
eQEP1B quadrature
AXR1[4]/EQEP1B/GP4[4]
173
I
IPD
input.
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
11
I
IPD
SPI0, GPIO, BOOT
eQEP1 index.
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
16
I
IPD
SPI1, GPIO, BOOT
eQEP1 strobe.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.9
Boot
Table 3-11. Boot Terminal Functions(1)
PIN NO
SIGNAL NAME
TYPE(2)
PULL(3)
MUXED
DESCRIPTION
PTP
EMA_CS[2]/GP2[5]/BOOT[15]
23
I
IPU
EMIFA, GPIO
BOOT[15].
EMIFA, McASP0,
EMA_WE/AXR0[12]/GP2[3]/BOOT[14]
55
I
IPU
BOOT[14].
GPIO
EMA_D[7]/MMCSD_DAT[7]/GP0[7]/BOOT[13]
54
I
IPU
BOOT[13].
EMIFA, MMC/SD,
GPIO
EMA_D[0]/MMCSD_DAT[0]/GP0[0]/BOOT[12]
44
I
IPU
BOOT[12].
(1)
Boot decoding will be defined in the ROM datasheet.
(2)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(3)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010, Texas Instruments Incorporated
Device Overview
21
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com