Electronic Components Datasheet Search
  English  ▼

X  

AS1330 Datasheet(PDF) 12 Page - ams AG

Part # AS1330
Description  4MHz, Low Voltage, DC-DC Step-Up Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1330 Datasheet(HTML) 12 Page - ams AG

Back Button AS1330 Datasheet HTML 8Page - ams AG AS1330 Datasheet HTML 9Page - ams AG AS1330 Datasheet HTML 10Page - ams AG AS1330 Datasheet HTML 11Page - ams AG AS1330 Datasheet HTML 12Page - ams AG AS1330 Datasheet HTML 13Page - ams AG AS1330 Datasheet HTML 14Page - ams AG AS1330 Datasheet HTML 15Page - ams AG AS1330 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1330
Revision 1.04
12 - 16
AS1330
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Smallest Layout
Due to the high switching frequency, the small package and the minimal count of external components, the overall DC-
DC system requieres only 6.6x6.6mm of PCB space (see Figure 23).
Figure 23. Layout Consideration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16