Electronic Components Datasheet Search
  English  ▼

X  

R05105 Datasheet(PDF) 2 Page - Recom International Power

Part # R05105
Description  EUROLINE - DC/DC - CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05105 Datasheet(HTML) 2 Page - Recom International Power

  R05105 Datasheet HTML 1Page - Recom International Power R05105 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EU 32
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxIxx-Series, 2 Watt, SIP4, Isolated (Single Output)
Typical Characteristics, Tolerance Envelope and Derating Graph
-3
3
5
-5
-1
1
7
100
0
Total Output Current (%)
40
60
80
20
1205
1212
1215
1209
0
0
Total Output Current (%)
Total Output Current (%)
0512
0505
0509
0515
40
60
80
100
20
100
40
60
80
20
1209, 1212, 1215
1205
Total Output Current (%)
40
60
80
100
20
100
40
60
80
20
R12Ixx
R05Ixx
-3
3
5
-5
-1
1
7
100
040
60
80
20
0505
0509
0512
0515
Tolerance Envelope
Temper. Derating Graph
Ambient Temperature ˚C
1.0
100
50
0
-40
85 125
150
0
4.0
3.0
2.0
Safe
Operating Area
+10%
+5%
V Nom.
+2,5%
- 2,5%
10%
50%
100%
Output Load Current (%)
- 7,5%
Package Style and Pinning (mm)
4 Pin SIP Package Style
V
IN
GND
+V
0V
12
4
3
7.55
11.50
0.50±0.05
4.1 min.
0.50±0.05
10.20
RxxIxx
RECOM
****
3
1.25 typ.
0.25±0.05
7.62
12
4
3.38±0.50
2.54
2.54
1.0ø+0.15/–0
Recommended Footprint Details



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com