Electronic Components Datasheet Search
  English  ▼

X  

R05A09 Datasheet(PDF) 3 Page - Recom International Power

Part # R05A09
Description  EUROLINE- DC/DC - CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05A09 Datasheet(HTML) 3 Page - Recom International Power

  R05A09 Datasheet HTML 1Page - Recom International Power R05A09 Datasheet HTML 2Page - Recom International Power R05A09 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
EU 13
Package Style and Pinning (mm)
EUROLINE - DC/DC-Converter
RxxA and RxxB Series, 1 Watt, DIP14/SIP7, 1kVDC Isolation (Dual Output)
2.54
1.00ø+0.15/–0
2.54
10.00
RxxAxx
RECOM
****
19.90
4.1
7.10
7.62
0.50±0.05
7.62
0.25±0.05
15.24
0.50±0.05
4.1
0.50±0.05
10.20
RxxBxx
RECOM
****
2.54
2.54
1.00ø+0.15/–0
1.25 typ.
0.25±0.05
12.70
2.0
1
VIN
2
GND
4
-V
6
+V
5
OV
+V
9
0V
8
VIN
14
GND
1
NC
7
-V
11
(Top View)
7 Pin SIP
6.00
19.60
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
14 Pin DIP Package Style
7 Pin SIP Package Style



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com