Electronic Components Datasheet Search
  English  ▼

X  

SN65LVEL11DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVEL11DR
Description  3.3 V ECL 1:2 Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVEL11DR Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVEL11DR Datasheet HTML 1Page - Texas Instruments SN65LVEL11DR Datasheet HTML 2Page - Texas Instruments SN65LVEL11DR Datasheet HTML 3Page - Texas Instruments SN65LVEL11DR Datasheet HTML 4Page - Texas Instruments SN65LVEL11DR Datasheet HTML 5Page - Texas Instruments SN65LVEL11DR Datasheet HTML 6Page - Texas Instruments SN65LVEL11DR Datasheet HTML 7Page - Texas Instruments SN65LVEL11DR Datasheet HTML 8Page - Texas Instruments SN65LVEL11DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
POWER DISSIPATION RATINGS
THERMAL CHARACTERISTICS
KEY ATTRIBUTES
SN65LVEL11
SLLS927 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PARAMETER
CONDITION
VALUE
UNIT
Absolute PECL mode supply voltage, VCC
VEE = 0 V
6
V
Absolute NECL mode power supply, VEE
VCC = 0 V
–6
V
PECL mode input voltage
VEE = 0 V; VI ≤ VCC
6
V
NECL mode input voltage
VCC = 0 V; VI ≥ VEE
–6
V
Continuous
50
Output current
mA
Surge
100
Operating temperature range
–40 to 85
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
POWER RATING
THERMAL RESISTANCE,
DERATING FACTOR
POWER RATING
CIRCUIT BOARD
JUNCTION TO AMBIENT
PACKAGE
TA < 25°C
TA > 25°C
TA = 85°C
MODEL
NO AIRFLOW
(mW)
(mW/°C)
(mW)
SOIC
Low-K
719
139
7
288
High-K
840
119
8
336
SOIC-TSSOP
Low-K
469
213
5
188
High-K
527
189
5
211
PARAMETER
PACKAGE
VALUE
UNIT
θ
JB
Junction-to Board Thermal Resistance
SOIC
79
°C/W
SOIC-TSSOP
120
θ
JC
Junction-to Case Thermal Resistance
SOIC
98
°C/W
SOIC-TSSOP
74
CHARACTERISTICS
VALUE
Internal input pull down resistor
75 k
Ω
Moisture sensitivity level
Level 1
Flammability rating (Oxygen Index: 28 to 34)
UL 94 V-0 at 0.125 in
ESD-HBM
4 kV
ESD-machine model
200 V
ESD-charge device model
2 kV
Meets or exceeds JEDEC Spec EIA/JESD78 latchup test
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVEL11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com