Electronic Components Datasheet Search
  English  ▼

X  

GSIB420 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # GSIB420
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

GSIB420 Datasheet(HTML) 1 Page - Gulf Semiconductor

  GSIB420 Datasheet HTML 1Page - Gulf Semiconductor GSIB420 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A8
www.gulfsemi.com
GSIB405
THRU
GSIB4100
SINGLE
PHASE
GLASS
PASSIVATED
BRIDGE
RECTIFIER
Voltage: 50
to
1000V
Current:
4.0A
Features
GSIB-3S
Glass passivated chip junction
Ideal for printed circuit board
High surge current capability
High case dielectric strength
Mechanical Data
Terminal: Plated leads solderable per MIL-STD 202E,
Method 208C
Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
Polarity: Polarity symbol marked on body
Mounting position: any
Dimensions in millimeters
MAXIMUM
RATINGS
AND
ELECTRICAL
CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
Symbol
GSIB4
05
GSIB4
10
GSIB4
20
GSIB4
40
GSIB4
60
GSIB4
80
GSIB4
100
units
Maximum repetitive peak reverse voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum average forward
Tc = 100℃(Note 1)
Rectified output current at
Ta = 25℃(Note 2)
If(av)
4.0
2.3
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Ifsm
130
A
Maximum instantaneous forward voltage drop per
leg at 2.0A
Vf
0.95
V
Rating for fusing (t < 8.3ms)
I2t
60
A2Sec
Maximum DC reverse current at
Ta = 25°C
rated DC blocking voltage per leg
Ta = 125°C
Ir
10.0
250
µA
Maximum thermal resistance per leg
(Note2)
(Note1)
Rth(ja)
Rth(jc)
26.0
5.0
℃/W
Operating junction and storage temperature range
Tj, Tstg
-55 to +150
℃
Note:
1. Unit case mounted onAl plate heatsink
2. Unit case mounted on P.C.B. with 0.5 x 0.5” (12 x 12mm) copper peads and 0.375”(9.5mm) lead length
3. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw


Similar Part No. - GSIB420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420 Datasheet
55Kb / 2P
Single-Phase Single In-Line Bridge Rectifier
26-Nov-03
GSIB420 VISHAY-GSIB420 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
More results

Similar Description - GSIB420

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
G3SBA05 GULFSEMI-G3SBA05 Datasheet
128Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GBL005 GULFSEMI-GBL005 Datasheet
180Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
GBLA005 GULFSEMI-GBLA005 Datasheet
186Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
GBU4A GULFSEMI-GBU4A Datasheet
154Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
GSIB4A05 GULFSEMI-GSIB4A05 Datasheet
144Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
KBL005 GULFSEMI-KBL005 Datasheet
87Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:4.0A
UG4KB05 GULFSEMI-UG4KB05 Datasheet
160Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com