Electronic Components Datasheet Search
  English  ▼

X  

CSD16340Q3 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD16340Q3
Description  N-Channel NexFET??Power MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD16340Q3 Datasheet(HTML) 2 Page - Texas Instruments

  CSD16340Q3 Datasheet HTML 1Page - Texas Instruments CSD16340Q3 Datasheet HTML 2Page - Texas Instruments CSD16340Q3 Datasheet HTML 3Page - Texas Instruments CSD16340Q3 Datasheet HTML 4Page - Texas Instruments CSD16340Q3 Datasheet HTML 5Page - Texas Instruments CSD16340Q3 Datasheet HTML 6Page - Texas Instruments CSD16340Q3 Datasheet HTML 7Page - Texas Instruments CSD16340Q3 Datasheet HTML 8Page - Texas Instruments CSD16340Q3 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CSD16340Q3
SLPS247A – DECEMBER 2009 – REVISED JANUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, IDS = 250μA
25
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 20V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = +10/-8V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, IDS = 250μA
0.6
0.85
1.1
V
VGS = 2.5V, IDS = 20A
6.1
7.8
m
Ω
RDS(on)
Drain to Source On Resistance
VGS = 4.5V, IDS = 20A
4.3
5.5
m
Ω
VGS = 8V, IDS = 20A
3.8
4.5
m
Ω
gfs
Transconductance
VDS = 15V, IDS = 20A
121
S
Dynamic Characteristics
CISS
Input Capacitance
1050
1350
pF
COSS
Output Capacitance
VGS = 0V, VDS = 12.5V, f = 1MHz
730
950
pF
CRSS
Reverse Transfer Capacitance
53
69
pF
Rg
Series Gate Resistance
1.5
3
Ω
Qg
Gate Charge Total (4.5V)
6.5
9.2
nC
Qgd
Gate Charge Gate to Drain
1.2
nC
VDS = 12.5V, ID = 20A
Qgs
Gate Charge Gate to Source
2.1
nC
Qg(th)
Gate Charge at Vth
1
nC
QOSS
Output Charge
VDS = 13V, VGS = 0V
15
nC
td(on)
Turn On Delay Time
4.8
ns
tr
Rise Time
16.1
ns
VDS = 12.5V, VGS = 4.5V ID = 20A
RG = 2Ω
td(off)
Turn Off Delay Time
13.8
ns
tf
Fall Time
5.2
ns
Diode Characteristics
VSD
Diode Forward Voltage
IS = 20A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
14.5
nC
VDD = 13V, IF = 20A, di/dt = 300A/μs
trr
Reverse Recovery Time
20
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
R θJC
Thermal Resistance Junction to Case(1)
2.7
°C/W
R θJA
Thermal Resistance Junction to Ambient(1) (2)
58
°C/W
(1)
RθJC is determined with the device mounted on a 1 inch square 2 oz. Cu pad on a 1.5 × 1.5 in 0.06 inch thick FR4 board. RθJC is
specified by design while RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 Material with 1 inch2 of 2 oz. Cu.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CSD16340Q3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com